Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS8182S18D-250I Fiches technique(PDF) 3 Page - GSI Technology

No de pièce GS8182S18D-250I
Description  18Mb Burst of 2 DDR SigmaSIO-II SRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSI [GSI Technology]
Site Internet  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8182S18D-250I Fiches technique(HTML) 3 Page - GSI Technology

  GS8182S18D-250I Datasheet HTML 1Page - GSI Technology GS8182S18D-250I Datasheet HTML 2Page - GSI Technology GS8182S18D-250I Datasheet HTML 3Page - GSI Technology GS8182S18D-250I Datasheet HTML 4Page - GSI Technology GS8182S18D-250I Datasheet HTML 5Page - GSI Technology GS8182S18D-250I Datasheet HTML 6Page - GSI Technology GS8182S18D-250I Datasheet HTML 7Page - GSI Technology GS8182S18D-250I Datasheet HTML 8Page - GSI Technology GS8182S18D-250I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Pin Description Table
Symbol
Description
Type
Comments
SA
Synchronous Address Inputs
Input
NC
No Connect
R/W
Synchronous Read/Write
Input
BW0–BW1
Synchronous Byte Writes
Input
Active Low
K
Input Clock
Input
Active High
C
Output Clock
Input
Active High
TMS
Test Mode Select
Input
TDI
Test Data Input
Input
TCK
Test Clock Input
Input
TDO
Test Data Output
Output
VREF
HSTL Input Reference Voltage
Input
ZQ
Output Impedance Matching Input
Input
K
Input Clock
Input
Active Low
C
Output Clock
Output
Active Low
DOFF
DLL Disable
Active Low
LD
Synchronous Load Pin
Active Low
CQ
Output Echo Clock
Output
Active Low
CQ
Output Echo Clock
Output
Active High
D
Synchronous Data Inputs
Input
Q
Synchronous Data Outputs
Output
VDD
Power Supply
Supply
1.8 V Nominal
VDDQ
Isolated Output Buffer Supply
Supply
1.8 or 1.5 V Nominal
VSS
Power Supply: Ground
Supply
Notes:
1. C, C, K, or K cannot be set to VREF voltage.
2. When ZQ pin is directly connected to VDD, output impedance is set to minimum value and it cannot be connected to ground or left uncon-
nected.
3. NC = Not Connected to die or any other pin
GS8182S18D-267/250/200/167
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.08a 8/2005
3/31
© 2003, GSI Technology
Background
Separate I/O SRAMs, like SigmaQuad SRAMs, are attractive in applications where alternating reads and writes are needed. On the
other hand, Common I/O SRAMs like the SigmaCIO family are popular in applications where bursts of read or write traffic are
needed. The SigmaSIO SRAM is a hybrid of these two devices. Like the SigmaQuad family devices, the SigmaSIO features a
separate I/O data path, offering the user independent Data In and Data Out pins. However, the SigmaSIO devices offer a control
protocol like that offered on the SigmaCIO devices. Therefore, while SigmaQuad SRAMs allow a user to operate both data ports at
the same time, they force alternating loads of read and write addresses. SigmaSIO SRAMs allow continuous loads of read or write
addresses like SigmaCIO SRAMs, but in a separate I/O configuration.


Numéro de pièce similaire - GS8182S18D-250I

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS8182S08 GSI-GS8182S08 Datasheet
764Kb / 36P
   18Mb Burst of 2 SigmaSIO DDR-IITM SRAM
More results

Description similaire - GS8182S18D-250I

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS8182S08 GSI-GS8182S08 Datasheet
764Kb / 36P
   18Mb Burst of 2 SigmaSIO DDR-IITM SRAM
GS8342S08E GSI-GS8342S08E Datasheet
1Mb / 39P
   36Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8662S08E GSI-GS8662S08E Datasheet
1Mb / 37P
   72Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8342S08 GSI-GS8342S08 Datasheet
502Kb / 35P
   36Mb SigmaSIO DDR-IITM Burst of 2 SRAM
GS8182Q18D GSI-GS8182Q18D Datasheet
811Kb / 28P
   18Mb Burst of 2 SigmaQuad-II SRAM
GS8182T08 GSI-GS8182T08 Datasheet
717Kb / 36P
   18Mb SigmaDDR-II??Burst of 2 SRAM
logo
Integrated Device Techn...
IDT71P71804 IDT-IDT71P71804 Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
logo
GSI Technology
GS8182T19 GSI-GS8182T19 Datasheet
342Kb / 27P
   18Mb SigmaDDR-IITM Burst of 2 SRAM
logo
Integrated Device Techn...
IDT71P79204 IDT-IDT71P79204 Datasheet
629Kb / 23P
   18Mb Pipelined DDR?줚I SIO SRAM Burst of 2
logo
GSI Technology
GS8182D19BD-435I GSI-GS8182D19BD-435I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com