Moteur de recherche de fiches techniques de composants électroniques |
|
GS8160F36T-5.5I Fiches technique(PDF) 9 Page - GSI Technology |
|
GS8160F36T-5.5I Fiches technique(HTML) 9 Page - GSI Technology |
9 / 22 page GS8160F18/32/36T-5.5/6/6.5/7/7.5/8.5 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 2.12 11/2004 9/22 © 1999, GSI Technology Simplified State Diagram First Write First Read Burst Write Burst Read Deselect R W CR CW X X WR R WR X X X CR R CW CR CR Notes: 1. The diagram shows only supported (tested) synchronous state transitions. The diagram presumes G is tied low. 2. The upper portion of the diagram assumes active use of only the Enable (E1, E2, and E3) and Write (BA, BB, BC, BD, BW, and GW) con- trol inputs and that ADSP is tied high and ADSC is tied low. 3. The upper and lower portions of the diagram together assume active use of only the Enable, Write, and ADSC control inputs and assumes ADSP is tied high and ADV is tied low. |
Numéro de pièce similaire - GS8160F36T-5.5I |
|
Description similaire - GS8160F36T-5.5I |