Moteur de recherche de fiches techniques de composants électroniques |
|
GS8160Z18T-166I Fiches technique(PDF) 10 Page - GSI Technology |
|
GS8160Z18T-166I Fiches technique(HTML) 10 Page - GSI Technology |
10 / 24 page GS8160Z18/36T-250/225/200/166/150/133 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 2.17 11/2004 10/24 © 1998, GSI Technology Flow Through Mode Data I/O State Diagram High Z (Data In) Data Out (Q Valid) High Z B W B R B D R W R W D D Current State (n) Next State (n+1) Transition ƒ Input Command Code Key Notes 1. The Hold command (CKE Low) is not shown because it prevents any state change. 2. W, R, B and D represent input command codes as indicated in the Truth Tables. Clock (CK) Command Current State Next State ƒ n n+1 n+2 n+3 ƒƒƒ Current State and Next State Definition for: Pipeline and Flow Through Read Write Control State Diagram |
Numéro de pièce similaire - GS8160Z18T-166I |
|
Description similaire - GS8160Z18T-166I |