Moteur de recherche de fiches techniques de composants électroniques |
|
GS8160E36BGT-250 Fiches technique(PDF) 5 Page - GSI Technology |
|
GS8160E36BGT-250 Fiches technique(HTML) 5 Page - GSI Technology |
5 / 23 page TQFP Pin Description Symbol Type Description A0, A1 I Address field LSBs and Address Counter preset Inputs A I Address Inputs DQA DQB DQC DQD I/O Data Input and Output pins NC No Connect BW I Byte Write—Writes all enabled bytes; active low BA, BB, BC, BD I Byte Write Enable for DQA, DQB Data I/Os; active low CK I Clock Input Signal; active high GW I Global Write Enable—Writes all bytes; active low E1 I Chip Enable; active low E2 I Chip Enable; active high G I Output Enable; active low ADV I Burst address counter advance enable; active low ADSP, ADSC I Address Strobe (Processor, Cache Controller); active low ZZ I Sleep Mode control; active high FT I Flow Through or Pipeline mode; active low LBO I Linear Burst Order mode; active low VDD I Core power supply VSS I I/O and Core Ground VDDQ I Output driver power supply GS8160E18/32/36BT-250/200/150 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.03 9/2005 5/23 © 2004, GSI Technology |
Numéro de pièce similaire - GS8160E36BGT-250 |
|
Description similaire - GS8160E36BGT-250 |