Moteur de recherche de fiches techniques de composants électroniques |
|
GS882Z18BGB-250IV Fiches technique(PDF) 9 Page - GSI Technology |
|
GS882Z18BGB-250IV Fiches technique(HTML) 9 Page - GSI Technology |
9 / 33 page GS882Z18/36B(B/D)-xxxV Rev: 1.04 6/2006 9/33 © 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. NoBL is a trademark of Cypress Semiconductor Corp.. NtRAM is a trademark of Samsung Electronics Co.. ZBT is a trademark of Integrated Device Technology, Inc. Pipelined and Flow Through Read Write Control State Diagram Deselect New Read New Write Burst Read Burst Write W R B R B W D D B B W R D B W R D D Current State (n) Next State (n+1) Transition ƒ Input Command Code Key Notes 1. The Hold command (CKE Low) is not shown because it prevents any state change. 2. W, R, B, and D represent input command codes as indicated in the Synchronous Truth Table. Clock (CK) Command Current State Next State ƒ n n+1 n+2 n+3 ƒƒƒ Current State and Next State Definition for Pipelined and Flow through Read/Write Control State Diagram W R |
Numéro de pièce similaire - GS882Z18BGB-250IV |
|
Description similaire - GS882Z18BGB-250IV |