Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS8160EV18AT-200 Fiches technique(PDF) 1 Page - GSI Technology

No de pièce GS8160EV18AT-200
Description  1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSI [GSI Technology]
Site Internet  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8160EV18AT-200 Fiches technique(HTML) 1 Page - GSI Technology

  GS8160EV18AT-200 Datasheet HTML 1Page - GSI Technology GS8160EV18AT-200 Datasheet HTML 2Page - GSI Technology GS8160EV18AT-200 Datasheet HTML 3Page - GSI Technology GS8160EV18AT-200 Datasheet HTML 4Page - GSI Technology GS8160EV18AT-200 Datasheet HTML 5Page - GSI Technology GS8160EV18AT-200 Datasheet HTML 6Page - GSI Technology GS8160EV18AT-200 Datasheet HTML 7Page - GSI Technology GS8160EV18AT-200 Datasheet HTML 8Page - GSI Technology GS8160EV18AT-200 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Rev: 1.00a 6/2003
1/24
© 2003, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS8160EV18/32/36AT-350/333/300/250/225/200/150
1M x 18, 512K x 32, 512K x 36
18Mb Sync Burst SRAMs
350 MHz–150 MHz
1.8 V VDD
1.8 V I/O
100-Pin TQFP
Commercial Temp
Industrial Temp
Preliminary
Features
• FT pin for user-configurable flow through or pipeline
operation
• Dual Cycle Deselect (DCD) operation
• 1.8 V +10%/–10% core power supply
• 1.8 V I/O supply
• LBO pin for Linear or Interleaved Burst mode
• Internal input resistors on mode pins allow floating mode pins
• Default to Interleaved Pipeline mode
• Byte Write (BW) and/or Global Write (GW) operation
• Internal self-timed write cycle
• Automatic power-down for portable applications
• JEDEC-standard 100-lead TQFP package
Functional Description
Applications
The GS8160EV18/32/36AT is an 18,874,368-bit (16,777,216-
bit for x32 version) high performance synchronous SRAM
with a 2-bit burst address counter. Although of a type
originally developed for Level 2 Cache applications supporting
high performance CPUs, the device now finds application in
synchronous SRAM applications, ranging from DSP main
store to networking chip set support.
Controls
Addresses, data I/Os, chip enables (E1, E2, E3), address burst
control inputs (ADSP, ADSC, ADV), and write control inputs
(Bx, BW, GW) are synchronous and are controlled by a
positive-edge-triggered clock input (CK). Output enable (G)
and power down control (ZZ) are asynchronous inputs. Burst
cycles can be initiated with either ADSP or ADSC inputs. In
Burst mode, subsequent burst addresses are generated
internally and are controlled by ADV. The burst address
counter may be configured to count in either linear or
interleave order with the Linear Burst Order (LBO) input. The
Burst function need not be used. New addresses can be loaded
on every cycle with no degradation of chip performance.
Flow Through/Pipeline Reads
The function of the Data Output register can be controlled by
the user via the FT mode pin (Pin 14). Holding the FT mode pin
low places the RAM in Flow Through mode, causing output
data to bypass the Data Output Register. Holding FT high
places the RAM in Pipeline mode, activating the rising-edge-
triggered Data Output Register.
DCD Pipelined Reads
The GS8160EV18/32/36AT is a DCD (Dual Cycle Deselect)
pipelined synchronous SRAM. SCD (Single Cycle Deselect)
versions are also available. DCD SRAMs pipeline disable
commands to the same degree as read commands. DCD RAMs
hold the deselect command for one full cycle and then begin
turning off their outputs just after the second rising edge of
clock.
Byte Write and Global Write
Byte write operation is performed by using Byte Write enable
(BW) input combined with one or more individual byte write
signals (Bx). In addition, Global Write (GW) is available for
writing all bytes at one time, regardless of the Byte Write
control inputs.
Sleep Mode
Low power (Sleep mode) is attained through the assertion
(High) of the ZZ signal, or by stopping the clock (CK).
Memory data is retained during Sleep mode.
Core and Interface Voltages
The GS8160EV18/32/36AT operates on a 1.8 V power supply.
All input are 1.8 V compatible. Separate output power (VDDQ)
pins are used to decouple output noise from the internal circuits
and are 1.8 V compatible.
Parameter Synopsis
-350
-333
-300
-250
-200
-150
Unit
Pipeline
3-1-1-1
tKQ
tCycle
1.8
2.85
2.0
3.0
2.2
3.3
2.3
4.0
2.7
5.0
3.3
6.7
ns
ns
Curr (x18)
Curr (x32/x36)
395
455
370
430
335
390
280
330
230
270
185
210
mA
mA
Flow
Through
2-1-1-1
tKQ
tCycle
4.5
4.5
4.7
4.7
5.0
5.0
5.5
5.5
6.5
6.5
7.5
7.5
ns
ns
Curr (x18)
Curr (x32/x36)
270
305
250
285
230
270
210
240
185
205
170
190
mA
mA


Numéro de pièce similaire - GS8160EV18AT-200

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS8160E18BGT-150 GSI-GS8160E18BGT-150 Datasheet
921Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18BGT-150I GSI-GS8160E18BGT-150I Datasheet
921Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18BGT-150IV GSI-GS8160E18BGT-150IV Datasheet
926Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18BGT-150V GSI-GS8160E18BGT-150V Datasheet
926Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18BGT-200 GSI-GS8160E18BGT-200 Datasheet
921Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results

Description similaire - GS8160EV18AT-200

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS8160V18AT GSI-GS8160V18AT Datasheet
489Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018DGT-250I GSI-GS816018DGT-250I Datasheet
255Kb / 25P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018BT GSI-GS816018BT Datasheet
925Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160F18T GSI-GS8160F18T Datasheet
544Kb / 22P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18BT-V GSI-GS8160E18BT-V Datasheet
926Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18 GSI-GS8161E18 Datasheet
946Kb / 36P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018BT-V GSI-GS816018BT-V Datasheet
927Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018 GSI-GS816018 Datasheet
810Kb / 28P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816036DGT-250IV GSI-GS816036DGT-250IV Datasheet
245Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
logo
List of Unclassifed Man...
GS816118 ETC1-GS816118 Datasheet
901Kb / 36P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com