Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ABT244 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce 74ABT244
Description  Octal buffer/line driver 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT244 Fiches technique(HTML) 4 Page - NXP Semiconductors

  74ABT244 Datasheet HTML 1Page - NXP Semiconductors 74ABT244 Datasheet HTML 2Page - NXP Semiconductors 74ABT244 Datasheet HTML 3Page - NXP Semiconductors 74ABT244 Datasheet HTML 4Page - NXP Semiconductors 74ABT244 Datasheet HTML 5Page - NXP Semiconductors 74ABT244 Datasheet HTML 6Page - NXP Semiconductors 74ABT244 Datasheet HTML 7Page - NXP Semiconductors 74ABT244 Datasheet HTML 8Page - NXP Semiconductors 74ABT244 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74ABT244
Octal buffer/line driver (3-State)
1998 Jan 16
4
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
Min
Max
UNIT
VCC
DC supply voltage
4.5
5.5
V
VI
Input voltage
0
VCC
V
VIH
High-level input voltage
2.0
V
VIL
Low-level Input voltage
0.8
V
IOH
High-level output current
–32
mA
IOL
Low-level output current
64
mA
∆t/∆v
Input transition rise or fall rate
0
5
ns/V
Tamb
Operating free-air temperature range
–40
+85
°C
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = +25°C
Tamb = –40°C
to +85
°C
UNIT
Min
Typ
Max
Min
Max
VIK
Input clamp voltage
VCC = 4.5V; IIK = –18mA
–0.9
–1.2
–1.2
V
VCC = 4.5V; IOH = –3mA; VI = VIL or VIH
2.5
2.9
2.5
V
VOH
High-level output voltage
VCC = 5.0V; IOH = –3mA; VI = VIL or VIH
3.0
3.4
3.0
V
VCC = 4.5V; IOH = –32mA; VI = VIL or VIH
2.0
2.4
2.0
V
VOL
Low-level output voltage
VCC = 4.5V; IOL = 64mA; VI = VIL or VIH
0.42
0.55
0.55
V
II
Input leakage current
VCC = 5.5V; VI = GND or 5.5V
±0.01
±1.0
±1.0
µA
IOFF
Power-off leakage current
VCC = 0.0V; VO or VI ≤ 4.5V
±5.0
±100
±100
µA
IPU/PD
Power-up/down 3-State
output current3
VCC = 2.0V; VO = 0.5V; VI = GND or VCC;
V OE = Don’t care
±5.0
±50
±50
µA
IOZH
3-State output High current
VCC = 5.5V; VO = 2.7V; VI = VIL or VIH
5.0
50
50
µA
IOZL
3-State output Low current
VCC = 5.5V; VO = 0.5V; VI = VIL or VIH
–5.0
–50
–50
µA
ICEX
Output HIgh leakage current
VCC = 5.5V; VO = 5.5V; VI = GND or VCC
5.0
50
50
µA
IO
Short-circuit output current1
VCC = 5.5V; VO = 2.5V
–40
–100
–180
–40
–180
mA
ICCH
VCC = 5.5V; Outputs High, VI = GND or VCC
50
250
250
µA
ICCL
Quiescent supply current
VCC = 5.5V; Outputs Low, VI = GND or VCC
24
30
30
mA
ICCZ
Quiescent su
ly current
VCC = 5.5V; Outputs 3-State;
VI = GND or VCC
50
250
250
µA
Outputs enabled, one data input at 3.4V,
other inputs at VCC or GND; VCC = 5.5V
0.5
1.5
1.5
mA
∆ICC
Additional supply current per
input pin2
Outputs 3-State, one data input at 3.4V, other
inputs at VCC or GND; VCC = 5.5V
50
250
250
µA
Outputs 3-State, one enable input at 3.4V,
other inputs at VCC or GND; VCC = 5.5V
0.5
1.5
1.5
mA
NOTES:
1. Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
2. This is the increase in supply current for each input at 3.4V.
3. This parameter is valid for any VCC between 0V and 2.1V with a transition time of up to 10msec. For VCC = 2.1V to VCC = 5V " 10%, a
transition time of up to 100
µsec is permitted.


Numéro de pièce similaire - 74ABT244

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
279Kb / 13P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Nexperia B.V. All right...
74ABT244 NEXPERIA-74ABT244 Datasheet
231Kb / 13P
   Octal buffer/line driver; 3-state
Rev. 4 - 8 July 2021
logo
Fairchild Semiconductor
74ABT244CMSA FAIRCHILD-74ABT244CMSA Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244CMSA FAIRCHILD-74ABT244CMSA Datasheet
279Kb / 13P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results

Description similaire - 74ABT244

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com