Moteur de recherche de fiches techniques de composants électroniques |
|
GS882Z18AB-133 Fiches technique(PDF) 10 Page - GSI Technology |
|
GS882Z18AB-133 Fiches technique(HTML) 10 Page - GSI Technology |
10 / 35 page GS882Z18/36AB/D-250/225/200/166/150/133 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.04 11/2004 10/35 © 2001, GSI Technology Pipeline Mode Data I/O State Diagram Intermediate Intermediate Intermediate Intermediate Intermediate Intermediate High Z (Data In) Data Out (Q Valid) High Z B W B R B D R W R W D D Current State (n) Next State (n+2) Transition ƒ Input Command Code Key Transition Intermediate State (N+1) Notes 1. The Hold command (CKE Low) is not shown because it prevents any state change. 2. W, R, B, and D represent input command codes as indicated in the Truth Tables. Clock (CK) Command Current State Intermediate ƒ n n+1 n+2 n+3 ƒƒƒ Current State and Next State Definition for Pipeline Mode Data I/O State Diagram Next State State |
Numéro de pièce similaire - GS882Z18AB-133 |
|
Description similaire - GS882Z18AB-133 |