Moteur de recherche de fiches techniques de composants électroniques |
|
GS881E18BT-2300I Fiches technique(PDF) 5 Page - GSI Technology |
|
GS881E18BT-2300I Fiches technique(HTML) 5 Page - GSI Technology |
5 / 40 page GS881E18B(T/D)/GS881E32B(T/D)/GS881E36B(T/D) Rev: 1.04 3/2005 5/40 © 2002, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. TQFP Pin Description Symbol Type Description A0, A1 I Address field LSBs and Address Counter preset Inputs A I Address Inputs DQA DQB DQC DQD I/O Data Input and Output pins NC — No Connect BW IByte Write—Writes all enabled bytes; active low BA, BB, BC, BD I Byte Write Enable for DQ Data I/Os; active low NC — No Connect CK I Clock Input Signal; active high GW I Global Write Enable—Writes all bytes; active low E2 I Chip Enable; active high E1 I Chip Enable; active low G I Output Enable; active low ADV I Burst address counter advance enable; active low ADSP, ADSC I Address Strobe (Processor, Cache Controller); active low ZZ I Sleep Mode control; active high LBO I Linear Burst Order mode; active low VDD I Core power supply VSS I I/O and Core Ground VDDQ I Output driver power supply |
Numéro de pièce similaire - GS881E18BT-2300I |
|
Description similaire - GS881E18BT-2300I |