Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ABT241 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce 74ABT241
Description  Octal buffer/line driver 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT241 Fiches technique(HTML) 5 Page - NXP Semiconductors

  74ABT241 Datasheet HTML 1Page - NXP Semiconductors 74ABT241 Datasheet HTML 2Page - NXP Semiconductors 74ABT241 Datasheet HTML 3Page - NXP Semiconductors 74ABT241 Datasheet HTML 4Page - NXP Semiconductors 74ABT241 Datasheet HTML 5Page - NXP Semiconductors 74ABT241 Datasheet HTML 6Page - NXP Semiconductors 74ABT241 Datasheet HTML 7Page - NXP Semiconductors 74ABT241 Datasheet HTML 8Page - NXP Semiconductors 74ABT241 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74ABT241
Octal buffer/line driver (3-State)
1998 Jan 16
5
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25°C
VCC = +5.0V
Tamb = –40°C to +85°C
VCC = +5.0V ±0.5V
UNIT
Min
Typ
Max
Min
Max
tPLH
tPHL
Propagation delay
An to Yn
1
1.0
1.0
2.6
2.7
4.1
4.2
1.0
1.0
4.6
4.6
ns
tPZH
tPZL
Output enable time
to High and Low level
2
1.1
1.3
3.2
4.3
6.3
5.8
1.1
1.3
6.8
6.8
ns
tPHZ
tPLZ
Output disable time
from High and Low level
2
1.6
1.0
3.6
2.6
6.1
5.4
1.6
1.0
7.1
5.9
ns
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
INPUT
1.5V
OUTPUT
tPLH
tPHL
SA00028
1.5V
1.5V
1.5V
3 V
0 V
VOH
VOL
Waveform 1. Waveforms Showing the Input (An)
to Output (Yn) Propagation Delays
OE INPUT
VM
VM
tPZH
tPHZ
Yn OUTPUT
VOH
VM
VM
Yn OUTPUT
VOL
tPZL
tPLZ
3.5V
0V
VOL + 0.3V
VOH – 0.3V
SA00041
OE INPUT
Waveform 2. Waveforms Showing the 3–State Output
Enable and Disable Times
TEST CIRCUIT AND WAVEFORMS
CL = 50 pF
500
Load Circuit
DEFINITIONS
CL =
Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
TEST
S1
tpd
open
tPLZ/tPZL
7 V
tPHZ/tPZH
open
SA00012
500
From Output
Under Test
S1
7 V
Open
GND


Numéro de pièce similaire - 74ABT241

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ABT241 FAIRCHILD-74ABT241 Datasheet
94Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT241CMSA FAIRCHILD-74ABT241CMSA Datasheet
94Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT241CMTC FAIRCHILD-74ABT241CMTC Datasheet
94Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT241CSC FAIRCHILD-74ABT241CSC Datasheet
94Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT241CSJ FAIRCHILD-74ABT241CSJ Datasheet
94Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results

Description similaire - 74ABT241

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com