Moteur de recherche de fiches techniques de composants électroniques |
|
GS882Z18AB-250 Fiches technique(PDF) 6 Page - GSI Technology |
|
GS882Z18AB-250 Fiches technique(HTML) 6 Page - GSI Technology |
6 / 35 page GS882Z18/36AB/D-250/225/200/166/150/133 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.04 11/2004 6/35 © 2001, GSI Technology GS882Z18/36A BGA Pin Description Symbol Type Description A0, A1 I Address field LSBs and Address Counter Preset Inputs An I Address Inputs DQA DQB DQC DQD I/O Data Input and Output pins BA, BB, BC, BD I Byte Write Enable for DQA, DQB, DQC, DQD I/Os; active low NC — No Connect CK I Clock Input Signal; active high CKE I Clock Enable; active low W I Write Enable; active low E1 I Chip Enable; active low E3 I Chip Enable; active low E2 I Chip Enable; active high G I Output Enable; active low ADV I Burst address counter advance enable; active high ZZ I Sleep mode control; active high FT I Flow Through or Pipeline mode; active low PE I 9th Bit Enable; active low LBO I Linear Burst Order mode; active low ZQ I FLXDrive Output Impedance Control (Low = Low Impedance [High Drive], High = High Impedance [Low Drive]) TMS I Scan Test Mode Select TDI I Scan Test Data In TDO O Scan Test Data Out TCK I Scan Test Clock MCH — Must Connect High DNU —Do Not Use VDD I Core power supply VSS I I/O and Core Ground VDDQ I Output driver power supply |
Numéro de pièce similaire - GS882Z18AB-250 |
|
Description similaire - GS882Z18AB-250 |