Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS880V37BGT-300 Fiches technique(PDF) 1 Page - GSI Technology

No de pièce GS880V37BGT-300
Description  256K x 36 9Mb Sync Burst SRAMs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSI [GSI Technology]
Site Internet  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS880V37BGT-300 Fiches technique(HTML) 1 Page - GSI Technology

  GS880V37BGT-300 Datasheet HTML 1Page - GSI Technology GS880V37BGT-300 Datasheet HTML 2Page - GSI Technology GS880V37BGT-300 Datasheet HTML 3Page - GSI Technology GS880V37BGT-300 Datasheet HTML 4Page - GSI Technology GS880V37BGT-300 Datasheet HTML 5Page - GSI Technology GS880V37BGT-300 Datasheet HTML 6Page - GSI Technology GS880V37BGT-300 Datasheet HTML 7Page - GSI Technology GS880V37BGT-300 Datasheet HTML 8Page - GSI Technology GS880V37BGT-300 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
GS880V37BT-360/333/300
256K x 36
9Mb Sync Burst SRAMs
360 MHz–300 MHz
1.8 V VDD
1.8 V I/O
100-Pin TQFP
Commercial Temp
Industrial Temp
Rev: 1.02 10/2004
1/18
© 2002, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• Single Cycle Deselect (SCD) operation
• 1.8 V +10%/–10% core power supply
• 1.8 V I/O supply
• LBO pin for Linear or Interleaved Burst mode
• Internal input resistors on mode pins allow floating mode pins
• Default to Interleaved Pipeline mode
• Byte Write (BW) and/or Global Write (GW) operation
• Internal self-timed write cycle
• Automatic power-down for portable applications
• JEDEC-standard 100-lead TQFP package
• Pb-Free 100-lead TQFP package available
Functional Description
Applications
The GS880V37BT is a 9,437,184-bit high performance
synchronous SRAM with a 2-bit burst address counter.
Although of a type originally developed for Level 2 Cache
applications supporting high performance CPUs, the device
now finds application in synchronous SRAM applications,
ranging from DSP main store to networking chip set support.
Controls
Addresses, data I/Os, chip enables (E1, E2, E3), address burst
control inputs (ADSP, ADSC, ADV), and write control inputs
(Bx, BW, GW) are synchronous and are controlled by a
positive-edge-triggered clock input (CK). Output enable (G)
and power down control (ZZ) are asynchronous inputs. Burst
cycles can be initiated with either ADSP or ADSC inputs. In
Burst mode, subsequent burst addresses are generated
internally and are controlled by ADV. The burst address
counter may be configured to count in either linear or
interleave order with the Linear Burst Order (LBO) input. The
Burst function need not be used. New addresses can be loaded
on every cycle with no degradation of chip performance.
SCD Pipelined Reads
The GS880V37BT is a SCD (Single Cycle Deselect) pipelined
synchronous SRAM. DCD (Dual Cycle Deselect) versions are
also available. SCD SRAMs pipeline deselect commands one
stage less than read commands. SCD RAMs begin turning off
their outputs immediately after the deselect command has been
captured in the input registers.
Byte Write and Global Write
Byte write operation is performed by using Byte Write enable
(BW) input combined with one or more individual byte write
signals (Bx). In addition, Global Write (GW) is available for
writing all bytes at one time, regardless of the Byte Write
control inputs.
Sleep Mode
Low power (Sleep mode) is attained through the assertion
(High) of the ZZ signal, or by stopping the clock (CK).
Memory data is retained during Sleep mode.
Core and Interface Voltages
The GS880V37BT operates on a 1.8 V power supply. All input
are 1.8 V compatible. Separate output power (VDDQ) pins are
used to decouple output noise from the internal circuits and are
1.8 V compatible.
Parameter Synopsis
-360
-333
-300
Unit
Pipeline
3-1-1-1
tKQ
tCycle
1.8
2.8
2.0
3.0
2.2
3.3
ns
ns
1.8 V
Curr (x36)
475
435
395
mA


Numéro de pièce similaire - GS880V37BGT-300

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS880V37AT GSI-GS880V37AT Datasheet
384Kb / 18P
   256K x 36 9Mb Sync Burst SRAMs
GS880V37AT-200 GSI-GS880V37AT-200 Datasheet
384Kb / 18P
   256K x 36 9Mb Sync Burst SRAMs
GS880V37AT-200I GSI-GS880V37AT-200I Datasheet
384Kb / 18P
   256K x 36 9Mb Sync Burst SRAMs
GS880V37AT-225 GSI-GS880V37AT-225 Datasheet
384Kb / 18P
   256K x 36 9Mb Sync Burst SRAMs
GS880V37AT-225I GSI-GS880V37AT-225I Datasheet
384Kb / 18P
   256K x 36 9Mb Sync Burst SRAMs
More results

Description similaire - GS880V37BGT-300

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS880V37AT GSI-GS880V37AT Datasheet
384Kb / 18P
   256K x 36 9Mb Sync Burst SRAMs
GS882V37AB GSI-GS882V37AB Datasheet
623Kb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880F18BT GSI-GS880F18BT Datasheet
599Kb / 27P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18T-V GSI-GS881E18T-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18BT GSI-GS881E18BT Datasheet
902Kb / 40P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118BT GSI-GS88118BT Datasheet
1Mb / 39P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018BT GSI-GS88018BT Datasheet
602Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com