Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS880F36T-11.5 Fiches technique(PDF) 7 Page - GSI Technology

No de pièce GS880F36T-11.5
Description  512K x 18, 256K x 36 8Mb Sync Burst SRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSI [GSI Technology]
Site Internet  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS880F36T-11.5 Fiches technique(HTML) 7 Page - GSI Technology

Back Button GS880F36T-11.5 Datasheet HTML 3Page - GSI Technology GS880F36T-11.5 Datasheet HTML 4Page - GSI Technology GS880F36T-11.5 Datasheet HTML 5Page - GSI Technology GS880F36T-11.5 Datasheet HTML 6Page - GSI Technology GS880F36T-11.5 Datasheet HTML 7Page - GSI Technology GS880F36T-11.5 Datasheet HTML 8Page - GSI Technology GS880F36T-11.5 Datasheet HTML 9Page - GSI Technology GS880F36T-11.5 Datasheet HTML 10Page - GSI Technology GS880F36T-11.5 Datasheet HTML 11Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Rev: 1.03 3/2000
7/25
© 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
N
Preliminary
GS880F18/36T-10/11/11.5/12/14
Note:
There is a pull up device on the LBO pin and a pull down device on the ZZ pin, so those input pins can be unconnected and the chip will operate
in the default states as specified in the above tables.
Burst Counter Sequences
BPR 1999.05.18
Byte Write Truth Table
Note:
1. All byte outputs are active in read cycles regardless of the state of Byte Write Enable inputs.
2. Byte Write Enable inputs BA, BB, BC and/or BD may be used in any combination with BW to write single or multiple bytes.
3. All byte I/O’s remain High-Z during all write operations regardless of the state of Byte Write Enable inputs.
4. Bytes “C” and “D” are only available on the x32 and x36 versions.
Mode Pin Functions
Mode Name
Pin Name State
Function
Burst Order Control
LBO
L
Linear Burst
H or NC
Interleaved Burst
Power Down Control
ZZ
L or NC
Active
H
Standby, IDD = ISB
Function
GW
BW
BA
BB
BC
BD
Notes
Read
H
H
X
X
X
X
1
Read
H
L
H
H
H
H
1
Write byte a
H
L
L
H
H
H
2, 3
Write byte b
H
L
H
L
H
H
2, 3
Write byte c
H
L
H
H
L
H
2, 3, 4
Write byte d
H
L
H
H
H
L
2, 3, 4
Write all bytes
H
L
L
L
L
L
2, 3, 4
Write all bytes
L
X
X
X
X
X
Linear Burst Sequence
Note: The burst counter wraps to initial state on the 5th clock.
Interleaved Burst Sequence
Note: The burst counter wraps to initial state on the 5th clock.
A[1:0]
A[1:0]
A[1:0]
A[1:0]
1st address
00
01
10
11
2nd address
01
10
11
00
3rd address
10
11
00
01
4th address
11
00
01
10
A[1:0]
A[1:0]
A[1:0]
A[1:0]
1st address
00
01
10
11
2nd address
01
00
11
10
3rd address
10
11
00
01
4th address
11
10
01
00


Numéro de pièce similaire - GS880F36T-11.5

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS880F36AT-5.5 GSI-GS880F36AT-5.5 Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880F36AT-5.5I GSI-GS880F36AT-5.5I Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880F36AT-6 GSI-GS880F36AT-6 Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880F36AT-6.5 GSI-GS880F36AT-6.5 Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880F36AT-6.5I GSI-GS880F36AT-6.5I Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
More results

Description similaire - GS880F36T-11.5

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS881E18T GSI-GS881E18T Datasheet
469Kb / 34P
   512K x 18, 256K x 36 ByteSafe 8Mb Sync Burst SRAMs
GS88018T GSI-GS88018T Datasheet
1Mb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880E18T GSI-GS880E18T Datasheet
852Kb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS88118T GSI-GS88118T Datasheet
464Kb / 33P
   512K x 18, 256K x 36 ByteSafe??8Mb Sync Burst SRAMs
GS880F18AT GSI-GS880F18AT Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS88418B GSI-GS88418B Datasheet
800Kb / 25P
   512K x 18, 256K x 36 8Mb S/DCD Sync Burst SRAMs
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E18BT-V GSI-GS880E18BT-V Datasheet
916Kb / 23P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com