Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS880E32AT-166I Fiches technique(PDF) 10 Page - GSI Technology

No de pièce GS880E32AT-166I
Description  512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSI [GSI Technology]
Site Internet  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS880E32AT-166I Fiches technique(HTML) 10 Page - GSI Technology

Back Button GS880E32AT-166I Datasheet HTML 6Page - GSI Technology GS880E32AT-166I Datasheet HTML 7Page - GSI Technology GS880E32AT-166I Datasheet HTML 8Page - GSI Technology GS880E32AT-166I Datasheet HTML 9Page - GSI Technology GS880E32AT-166I Datasheet HTML 10Page - GSI Technology GS880E32AT-166I Datasheet HTML 11Page - GSI Technology GS880E32AT-166I Datasheet HTML 12Page - GSI Technology GS880E32AT-166I Datasheet HTML 13Page - GSI Technology GS880E32AT-166I Datasheet HTML 14Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
GS880E18/32/36AT-250/225/200/166/150/133
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03 11/2004
10/24
© 2001, GSI Technology
Simplified State Diagram
First Write
First Read
Burst Write
Burst Read
Deselect
R
W
CR
CW
X
X
WR
R
WR
X
X
X
CR
R
CW
CR
CR
Notes:
1. The diagram shows only supported (tested) synchronous state transitions. The diagram presumes G is tied low.
2. The upper portion of the diagram assumes active use of only the Enable (E1) and Write (BA, BB, BC, BD, BW, and GW) control inputs, and
that ADSP is tied high and ADSC is tied low.
3. The upper and lower portions of the diagram together assume active use of only the Enable, Write, and ADSC control inputs, and
assumes ADSP is tied high and ADV is tied low.


Numéro de pièce similaire - GS880E32AT-166I

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS880E32BGT-150 GSI-GS880E32BGT-150 Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E32BGT-150I GSI-GS880E32BGT-150I Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E32BGT-150IV GSI-GS880E32BGT-150IV Datasheet
916Kb / 23P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E32BGT-150V GSI-GS880E32BGT-150V Datasheet
916Kb / 23P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E32BGT-200 GSI-GS880E32BGT-200 Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results

Description similaire - GS880E32AT-166I

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118AT GSI-GS88118AT Datasheet
876Kb / 36P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
GS880F18BT GSI-GS880F18BT Datasheet
599Kb / 27P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18T-V GSI-GS881E18T-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E18BT-V GSI-GS880E18BT-V Datasheet
916Kb / 23P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118BT-V GSI-GS88118BT-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18 GSI-GS881E18 Datasheet
839Kb / 37P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
GS880F18BT-V GSI-GS880F18BT-V Datasheet
844Kb / 21P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com