Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS841Z36AGT-180I Fiches technique(PDF) 1 Page - GSI Technology

No de pièce GS841Z36AGT-180I
Description  4Mb Pipelined and Flow Through Synchronous NBT SRAMs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSI [GSI Technology]
Site Internet  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS841Z36AGT-180I Fiches technique(HTML) 1 Page - GSI Technology

  GS841Z36AGT-180I Datasheet HTML 1Page - GSI Technology GS841Z36AGT-180I Datasheet HTML 2Page - GSI Technology GS841Z36AGT-180I Datasheet HTML 3Page - GSI Technology GS841Z36AGT-180I Datasheet HTML 4Page - GSI Technology GS841Z36AGT-180I Datasheet HTML 5Page - GSI Technology GS841Z36AGT-180I Datasheet HTML 6Page - GSI Technology GS841Z36AGT-180I Datasheet HTML 7Page - GSI Technology GS841Z36AGT-180I Datasheet HTML 8Page - GSI Technology GS841Z36AGT-180I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
GS841Z18/36AT-180/166/150/100
4Mb Pipelined and Flow Through
Synchronous NBT SRAMs
180 MHz–100 MHz
3.3 V VDD
2.5 V and 3.3 V VDDQ
100-Pin TQFP
Commercial Temp
Industrial Temp
Rev: 1.02 11/2004
1/30
© 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• 256K x 18 and 128K x 36 configurations
• User-configurable Pipelined and Flow Through mode
• NBT (No Bus Turn Around) functionality allows zero wait
• Fully pin-compatible with both pipelined and flow through
NtRAM™, NoBL™ and ZBT™ SRAMs
• IEEE 1149.1 JTAG-compatible Boundary Scan
• 3.3 V +10%/–5% core power supply
• 2.5 V or 3.3 V I/O supply
• LBO pin for Linear or Interleave Burst mode
• Byte write operation (9-bit Bytes)
• 3 chip enable signals for easy depth expansion
• Clock Control, registered, address, data, and control
• ZZ Pin for automatic power-down
• JEDEC-standard 100-lead TQFP package
• Pb-Free 100-lead TQFP package available
Functional Description
The GS841Z18/36AT is a 4Mbit Synchronous Static SRAM.
GSI's NBT SRAMs, like ZBT, NtRAM, NoBL or other
pipelined read/double late write or flow through read/single
late write SRAMs, allow utilization of all available bus
bandwidth by eliminating the need to insert deselect cycles
when the device is switched from read to write cycles.
Because it is a synchronous device, address, data inputs, and
read/ write control inputs are captured on the rising edge of the
input clock. Burst order control (LBO) must be tied to a power
rail for proper operation. Asynchronous inputs include the
Sleep mode enable (ZZ) and Output Enable. Output Enable can
be used to override the synchronous control of the output
drivers and turn the RAM's output drivers off at any time.
Write cycles are internally self-timed and initiated by the rising
edge of the clock input. This feature eliminates complex off-
chip write pulse generation required by asynchronous SRAMs
and simplifies input signal timing.
The GS841Z18/36AT may be configured by the user to
operate in Pipeline or Flow Through mode. Operating as a
pipelined synchronous device, in addition to the rising-edge-
triggered registers that capture input signals, the device
incorporates a rising-edge-triggered output register. For read
cycles, pipelined SRAM output data is temporarily stored by
the edge-triggered output register during the access cycle and
then released to the output drivers at the next rising edge of
clock.
The GS841Z18/36AT is implemented with GSI's high
performance CMOS technology and is available in a JEDEC-
Standard 100-pin TQFP package.
Parameter Synopsis
–180
–166
–150
–100
Pipeline
3-1-1-1
tCycle
tKQ
IDD
5.5 ns
3.2 ns
335 mA
6.0 ns
3.5 ns
310 mA
6.6 ns
3.8 ns
280 mA
10 ns
4.5 ns
190 mA
Flow
Through
2-1-1-1
tKQ
tCycle
IDD
8 ns
9.1 ns
210 mA
8.5 ns
10 ns
190 mA
10 ns
12 ns
165 mA
12 ns
15 ns
135 mA


Numéro de pièce similaire - GS841Z36AGT-180I

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS84118AB-100 GSI-GS84118AB-100 Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-100I GSI-GS84118AB-100I Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-133 GSI-GS84118AB-133 Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-150 GSI-GS84118AB-150 Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-150I GSI-GS84118AB-150I Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
More results

Description similaire - GS841Z36AGT-180I

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS840Z18AT GSI-GS840Z18AT Datasheet
566Kb / 24P
   4Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS842Z18AB GSI-GS842Z18AB Datasheet
722Kb / 30P
   4Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8320Z18T-V GSI-GS8320Z18T-V Datasheet
1,013Kb / 23P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8321Z18E GSI-GS8321Z18E Datasheet
1Mb / 34P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8160Z36DGT-200I GSI-GS8160Z36DGT-200I Datasheet
246Kb / 24P
   18Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS880Z18T-100 GSI-GS880Z18T-100 Datasheet
404Kb / 25P
   8Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8160Z36DGT-250IV GSI-GS8160Z36DGT-250IV Datasheet
240Kb / 23P
   18Mb Pipelined and Flow Through Synchronous NBT SRAMs
GS8320Z18T GSI-GS8320Z18T Datasheet
463Kb / 24P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
logo
List of Unclassifed Man...
GS882Z18B-100 ETC-GS882Z18B-100 Datasheet
802Kb / 34P
   8Mb Pipelined and Flow Through Synchronous NBT SRAMs
logo
GSI Technology
GS8320ZV18T GSI-GS8320ZV18T Datasheet
606Kb / 23P
   36Mb Pipelined and Flow Through Synchronous NBT SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com