Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS880E18T-11I Fiches technique(PDF) 9 Page - GSI Technology

No de pièce GS880E18T-11I
Description  512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSI [GSI Technology]
Site Internet  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS880E18T-11I Fiches technique(HTML) 9 Page - GSI Technology

Back Button GS880E18T-11I Datasheet HTML 5Page - GSI Technology GS880E18T-11I Datasheet HTML 6Page - GSI Technology GS880E18T-11I Datasheet HTML 7Page - GSI Technology GS880E18T-11I Datasheet HTML 8Page - GSI Technology GS880E18T-11I Datasheet HTML 9Page - GSI Technology GS880E18T-11I Datasheet HTML 10Page - GSI Technology GS880E18T-11I Datasheet HTML 11Page - GSI Technology GS880E18T-11I Datasheet HTML 12Page - GSI Technology GS880E18T-11I Datasheet HTML 13Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Rev: 1.11 11/2000
9/25
© 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary
GS880E18/32/36T-11/11.5/100/80/66
First Write
First Read
Burst Write
Burst Read
Deselect
R
W
CR
CW
X
X
W
R
R
W
R
X
X
X
CR
R
CW
CR
CR
Simplified State Diagram
Notes:
1. The diagram shows only supported (tested) synchronous state transitions. The diagram presumes G is tied low.
2. The upper portion of the diagram assumes active use of only the Enable (E1, E2, and E3) and Write (BA, BB, BC, BD, BW, and GW) control
inputs, and that ADSP is tied high and ADSC is tied low.
3. The upper and lower portions of the diagram together assume active use of only the Enable, Write, and ADSC control inputs, and
assumes ADSP is tied high and ADV is tied low.


Numéro de pièce similaire - GS880E18T-11I

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS880E18AT GSI-GS880E18AT Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
GS880E18AT-133 GSI-GS880E18AT-133 Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
GS880E18AT-133I GSI-GS880E18AT-133I Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
GS880E18AT-150 GSI-GS880E18AT-150 Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
GS880E18AT-150I GSI-GS880E18AT-150I Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
More results

Description similaire - GS880E18T-11I

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS88018T GSI-GS88018T Datasheet
1Mb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880F18AT GSI-GS880F18AT Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880F18T GSI-GS880F18T Datasheet
351Kb / 25P
   512K x 18, 256K x 36 8Mb Sync Burst SRAMs
GS881E18T GSI-GS881E18T Datasheet
469Kb / 34P
   512K x 18, 256K x 36 ByteSafe 8Mb Sync Burst SRAMs
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118T GSI-GS88118T Datasheet
464Kb / 33P
   512K x 18, 256K x 36 ByteSafe??8Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E18BT-V GSI-GS880E18BT-V Datasheet
916Kb / 23P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118BT-V GSI-GS88118BT-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com