Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ABT2244N Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74ABT2244N
Description  Octal buffer/line driver with 30ohm series termination resistors 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT2244N Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button 74ABT2244N Datasheet HTML 2Page - NXP Semiconductors 74ABT2244N Datasheet HTML 3Page - NXP Semiconductors 74ABT2244N Datasheet HTML 4Page - NXP Semiconductors 74ABT2244N Datasheet HTML 5Page - NXP Semiconductors 74ABT2244N Datasheet HTML 6Page - NXP Semiconductors 74ABT2244N Datasheet HTML 7Page - NXP Semiconductors 74ABT2244N Datasheet HTML 8Page - NXP Semiconductors 74ABT2244N Datasheet HTML 9Page - NXP Semiconductors 74ABT2244N Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74ABT2244
Octal buffer/line driver with 30
Ω series
termination resistors (3-State)
1998 Jan 16
6
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
INPUT
1.5V
OUTPUT
tPLH
tPHL
SA00028
1.5V
1.5V
1.5V
3 V
0 V
VOH
VOL
Waveform 1. Waveforms Showing the Input (An) to Output (Yn)
Propagation Delays
Output Control
(Low-level
enabling
1.5 V
tPZH
tPHZ
VOH
VOL
tPZL
tPLZ
3.5V
0V
VOL + 0.3V
VOH – 0.3V
SA00029
1.5 V
1.5 V
1.5 V
0V
3V
Output
Waveform 1
S1 at 7 V
(see Note)
Note:
Waveform 1 is for an output with internal conditions such that
the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that
the output is high except when disabled by the output control.
Output
Waveform 2
S1 at Open
(see Note)
Waveform 2. Waveforms Showing the 3-State Output Enable
and Disable Times
TEST CIRCUIT AND WAVEFORMS
CL = 50 pF
500
Load Circuit
DEFINITIONS
CL =
Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
TEST
S1
tpd
open
tPLZ/tPZL
7 V
tPHZ/tPZH
open
SA00012
500
From Output
Under Test
S1
7 V
Open
GND


Numéro de pièce similaire - 74ABT2244N

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ABT2244 FAIRCHILD-74ABT2244 Datasheet
119Kb / 9P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2244 FAIRCHILD-74ABT2244 Datasheet
281Kb / 10P
   Octal Buffer/Line Driver with 25ohm Series Resistors in the Outputs
74ABT2244CMSA FAIRCHILD-74ABT2244CMSA Datasheet
119Kb / 9P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2244CMSA FAIRCHILD-74ABT2244CMSA Datasheet
281Kb / 10P
   Octal Buffer/Line Driver with 25ohm Series Resistors in the Outputs
74ABT2244CMTC FAIRCHILD-74ABT2244CMTC Datasheet
119Kb / 9P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
More results

Description similaire - 74ABT2244N

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVT2241 PHILIPS-74LVT2241 Datasheet
80Kb / 5P
   3.3V Octal buffer/line driver with 30ohm series termination resistors; 3-State
1996 May 29
74LVT2244 PHILIPS-74LVT2244 Datasheet
90Kb / 10P
   3.3V Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Feb 19
74ABT2241 PHILIPS-74ABT2241 Datasheet
104Kb / 12P
   Octal buffer with 30ohm series termination resistors; 3-State
1996 Sep 30
74ABT2240 PHILIPS-74ABT2240 Datasheet
103Kb / 10P
   Octal inverting buffer with 30ohm series termination resistors 3-State
1998 Jan 16
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74ABT162827A PHILIPS-74ABT162827A Datasheet
78Kb / 11P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Feb 27
74ALVCH162827 PHILIPS-74ALVCH162827 Datasheet
72Kb / 10P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Sep 29
74ALVT162827 PHILIPS-74ALVT162827 Datasheet
83Kb / 10P
   20-bit buffer/line driver, non-inverting, with 30ohm termination resistors 3-State
1998 Feb 13
74LVT2241 PHILIPS-74LVT2241_15 Datasheet
61Kb / 5P
   3.3V Octal buffer/line driver with 30 series termination resistors; 3-State
1996 May 29
74LVT2244 PHILIPS-74LVT2244_15 Datasheet
107Kb / 10P
   3.3V Octal buffer/line driver with 30W series termination resistors (3-State)
1998 Feb 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com