Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS880E18T Fiches technique(PDF) 25 Page - GSI Technology

No de pièce GS880E18T
Description  512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSI [GSI Technology]
Site Internet  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS880E18T Fiches technique(HTML) 25 Page - GSI Technology

Back Button GS880E18T Datasheet HTML 17Page - GSI Technology GS880E18T Datasheet HTML 18Page - GSI Technology GS880E18T Datasheet HTML 19Page - GSI Technology GS880E18T Datasheet HTML 20Page - GSI Technology GS880E18T Datasheet HTML 21Page - GSI Technology GS880E18T Datasheet HTML 22Page - GSI Technology GS880E18T Datasheet HTML 23Page - GSI Technology GS880E18T Datasheet HTML 24Page - GSI Technology GS880E18T Datasheet HTML 25Page - GSI Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
Rev: 1.11 11/2000
25/25
© 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary
GS880E18/32/36T-11/11.5/100/80/66
Revision History
DS/DateRev. Code: Old;
New
Types of Changes
Format or Content
Page;Revisions;Reason
GS880E18/32/36TRev1.04h
5/1999;
1.05 9/1999I
Format/Typos
• Last Page/Fixed “GSGS..” in Ordering Information Note.
• Fromatted Pin Outs and Pin Description to new small caps.
• Formatted Block diagrams to new small caps.
• Formatted Timing Diagrams to new small caps.
• Changed “Flow thru” to “Flow Through” in Timing Diagrams.
• Package Diagram/Changed “Dimesion” to “Dimension”.
Content
• 5/Fixed pin description table to match pinouts.
• Pin Description/Changed chip enables to match pins.
• Pin Description/Changed pin 80 from NC to Address Input.
• Pin Description/Rearranged Address Inputs to match order of
Pinout
• Package Diagram/Changed Dimension D Max from 20.1 to
22.1
GS880E18/32/36T1.05 11/
1999K880E18/32/36T1.06 1/
2000L
Content
• Changed Flow Through Read-Write Cycle Timing Diagram for
accuracy.
• Changed order of TQFP Address Inputs to match pinout.
• Changed order of TQFP DATA Input and Output pins to
match pinout.
• New GSI Logo.
GS880E18/32/36T1.06 1/
2000L;
GS880E18/32/36T1.07 3/
2000N;
Content
• Changed all speed bin information (headings, references,
tables, ordering info..) to reflect 150 - 80Mhz
GS880E18/32/36T1.07 3/
2000N;
GS880E18/32/36T1.08 3/
2000O;
Content
• Corrections to AC Electrical Characteristics Table -
GS880E18/32/36T1.08 3/
2000O;
880E183236_r1_09
Content/Format
• Removed 150 MHz speed bin
• Changed 133 MHz and 117 MHz speed bins to 11 ns and
11.5 ns (100 MHz) numbers
• Updated format to comply with Technical Publications
standards
880E18_r1_09;
880E18_r1_10
Content
• Updated Capitance table—removed Input row and changed
Output row to I/O
880E18_r1_10;
880E18_r1_11
Content
• Corrected typo in AC Electrical Characteristics table


Numéro de pièce similaire - GS880E18T

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS880E18AT GSI-GS880E18AT Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
GS880E18AT-133 GSI-GS880E18AT-133 Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
GS880E18AT-133I GSI-GS880E18AT-133I Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
GS880E18AT-150 GSI-GS880E18AT-150 Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
GS880E18AT-150I GSI-GS880E18AT-150I Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
More results

Description similaire - GS880E18T

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS88018T GSI-GS88018T Datasheet
1Mb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880F18AT GSI-GS880F18AT Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880F18T GSI-GS880F18T Datasheet
351Kb / 25P
   512K x 18, 256K x 36 8Mb Sync Burst SRAMs
GS881E18T GSI-GS881E18T Datasheet
469Kb / 34P
   512K x 18, 256K x 36 ByteSafe 8Mb Sync Burst SRAMs
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118T GSI-GS88118T Datasheet
464Kb / 33P
   512K x 18, 256K x 36 ByteSafe??8Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E18BT-V GSI-GS880E18BT-V Datasheet
916Kb / 23P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118BT-V GSI-GS88118BT-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com