Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ABT2241 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce 74ABT2241
Description  Octal buffer with 30ohm series termination resistors; 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT2241 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button 74ABT2241 Datasheet HTML 4Page - NXP Semiconductors 74ABT2241 Datasheet HTML 5Page - NXP Semiconductors 74ABT2241 Datasheet HTML 6Page - NXP Semiconductors 74ABT2241 Datasheet HTML 7Page - NXP Semiconductors 74ABT2241 Datasheet HTML 8Page - NXP Semiconductors 74ABT2241 Datasheet HTML 9Page - NXP Semiconductors 74ABT2241 Datasheet HTML 10Page - NXP Semiconductors 74ABT2241 Datasheet HTML 11Page - NXP Semiconductors 74ABT2241 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Philips Semiconductors
Product specification
74ABT2241
Octal buffer with 30
W series termination resistors
(3-State)
1996 Sep 30
11
NOTES


Numéro de pièce similaire - 74ABT2241

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ABT2240 PHILIPS-74ABT2240 Datasheet
103Kb / 10P
   Octal inverting buffer with 30ohm series termination resistors 3-State
1998 Jan 16
logo
Fairchild Semiconductor
74ABT2240 FAIRCHILD-74ABT2240 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2240CMSA FAIRCHILD-74ABT2240CMSA Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2240CMTC FAIRCHILD-74ABT2240CMTC Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2240CSC FAIRCHILD-74ABT2240CSC Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
More results

Description similaire - 74ABT2241

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ABT2240 PHILIPS-74ABT2240 Datasheet
103Kb / 10P
   Octal inverting buffer with 30ohm series termination resistors 3-State
1998 Jan 16
74ABT2244 PHILIPS-74ABT2244 Datasheet
104Kb / 12P
   Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Jan 16
74LVT2241 PHILIPS-74LVT2241 Datasheet
80Kb / 5P
   3.3V Octal buffer/line driver with 30ohm series termination resistors; 3-State
1996 May 29
74LVT2244 PHILIPS-74LVT2244 Datasheet
90Kb / 10P
   3.3V Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Feb 19
74LVT2245 PHILIPS-74LVT2245 Datasheet
93Kb / 10P
   3.3V Octal transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74F2244 PHILIPS-74F2244 Datasheet
95Kb / 10P
   Octal buffer with 30ohm equivalent output termination 3-State
1994 Dec 5
74ABT2245 PHILIPS-74ABT2245 Datasheet
107Kb / 12P
   Octal transceiver with direction pin with 30ohm series termination resistors 3-State
1998 Jan 16
74F2240 PHILIPS-74F2240 Datasheet
96Kb / 10P
   Octal inverter buffer with 30ohm equivalent output termination 3-State
1990 Dec 13
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com