Moteur de recherche de fiches techniques de composants électroniques |
|
G1085-XX Fiches technique(PDF) 2 Page - Global Mixed-mode Technology Inc |
|
G1085-XX Fiches technique(HTML) 2 Page - Global Mixed-mode Technology Inc |
2 / 8 page Ver: 0.5 Preliminary Nov 12, 2004 TEL: 886-3-5788833 http://www.gmt.com.tw 2 G1085-XX Global Mixed-mode Technology Inc. Absolute Maximum Ratings (Note 1) Input Voltage…………………….………….…………8V Power Dissipation Internally Limited (Note 2) Maximum Junction Temperature……..…..……..150°C Storage Temperature Range.……-65°C ≤ TJ ≤+150°C Reflow Temperature (soldering, 10sec).……….260°C Thermal Resistance Junction to Ambient TO-220(1), TO-263(1)………………………….…92°C/W Thermal Resistance Junction to Case TO-220,TO-263……..……………………………6°C/W ESD Rating (Human Body Model)………...………2kV Note (1): See Recommended Minimum Footprint Operating Conditions (Note 1) Input Voltage……….……………………………2.2V~7V Temperature Range…………….….-40°C ≤ TA ≤85°C Electrical Characteristics VIN = 5V, CIN = COUT = 220µF, TA = TJ = 25°C unless otherwise specified. (Note3) PARAMETER CONDITION MIN TYP MAX UNIT Output Voltage 10mA < IOUT < 3A -2% VO 2% V Line Regulation (VOUT + 0.7V) < VIN < 5.5V, IOUT = 10mA --- 0.1 1 % G1085-18 VIN=3.8V, 10mA < IOUT < 3A G1085-25 VIN=5V, 10mA < IOUT < 3A Load Regulation G1085-33 VIN=5V, 10mA < IOUT < 3A --- 1 2 % G1085-18 ∆VOUT = 2%, IOUT = 3A --- 1 1.2 G1085-25 ∆VOUT = 2%, IOUT = 3A --- 0.8 1 Dropout Voltage G1085-33 ∆VOUT = 2%, IOUT = 3A --- 0.65 0.85 V Current Limit (VIN - VOUT) = 2V --- 5.5 --- A Short Circuit Current --- 1 --- A G1085-18 VIN = 5V 0.5 1.7 5 G1085-25 VIN = 5V 0.5 2.1 5 Quiescent Current G1085-33 VIN = 5V 0.5 2.4 5 mA Ripple Rejection f = 120Hz, COUT = 10µF Tantalum, (VIN - VOUT) = 3V, IOUT = 1A --- 50 --- dB TO-220; Recommended Minimum Footprint --- 92 --- Thermal Resistor Junction-to-Ambient (No heat sink; No air flow) TO-263; Recommended Minimum Footprint --- 92 --- °C/W TO-220 --- 6 --- Thermal Resistance Junction-to-Case TO-263 --- 6 --- °C/W Thermal Shutdown Junction Temperature --- 150 --- °C Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Conditions are conditions under which the device functions but the specifications might not be guaranteed. For guaranteed specifications and test conditions see the Electrical Characteristics. Note2: The maximum power dissipation is a function of the maximum junction temperature, TJmax ; total thermal resistance, θJA, and ambient temperature TA. The maximum allowable power dissipation at any ambient temperature is Tjmax-TA / θJA. If this dissipation is exceeded, the die temperature will rise above 150°C and IC will go into ther- mal shutdown. Note3: Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible. Note4: The type of output capacitor should be tantalum or aluminum. Definitions Dropout Voltage The input/output Voltage differential at which the regu- lator output no longer maintains regulation against fur- ther reductions in input voltage. Measured when the output drops 2% below its nominal value. Dropout volt- age is affected by junction temperature, load current and minimum input supply requirements. Line Regulation The change in output voltage for a change in input volt- age. The measurement is made under conditions of low dissipation or by using pulse techniques such that av- erage chip temperature is not significantly affected. Load Regulation The change in output voltage for a change in load current at constant chip temperature. The measure- ment is made under conditions of low dissipation or by using pulse techniques such that average chip tem- perature is not significantly affected. Maximum Power Dissipation The maximum total device dissipation for which the regulator will operate within specifications. Quiescent Bias Current Current which is used to operate the regulator chip and is not delivered to the load. |
Numéro de pièce similaire - G1085-XX |
|
Description similaire - G1085-XX |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |