Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ABT161543 Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce 74ABT161543
Description  16-bit latched transceiver with dual enable and master reset 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT161543 Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button 74ABT161543 Datasheet HTML 4Page - NXP Semiconductors 74ABT161543 Datasheet HTML 5Page - NXP Semiconductors 74ABT161543 Datasheet HTML 6Page - NXP Semiconductors 74ABT161543 Datasheet HTML 7Page - NXP Semiconductors 74ABT161543 Datasheet HTML 8Page - NXP Semiconductors 74ABT161543 Datasheet HTML 9Page - NXP Semiconductors 74ABT161543 Datasheet HTML 10Page - NXP Semiconductors 74ABT161543 Datasheet HTML 11Page - NXP Semiconductors 74ABT161543 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product specification
74ABT161543
74ABTH161543
16-bit latched transceiver with dual enable
and master reset (3-State)
1998 Feb 27
8
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
VIN
VM
tPHL
tPLH
VM
VM
VM
VOUT
SH00040
Waveform 1. Propagation Delay For Inverting Output
VM
tPLH
tPHL
VM
VM
VM
VIN
VOUT
SH00041
Waveform 2. Propagation Delay For Non-Inverting Output
VM
nAx, nBx
VM
VM
VM
VM
VM
nLEAB, nLEBA,
nEAB, nEBA
ts(H)
th(H)
ts(L)
th(L)
tw(L)
NOTE: The shaded areas indicate when the input is permitted
to change for predictable output performance.
SH00042
Waveform 3. Data Setup and Hold Times and Latch Enable
Pulse Width
nOEAB, nOEBA,
nEAB, nEBA
VM
tPZH
tPHZ
0V
VOH –0.3V
VM
VM
nAx, nBx
VOH
SH00043
Waveform 4. 3-State Output Enable Time to High Level and
Output Disable Time from High Level
tPZL
tPLZ
VOL +0.3V
VM
VM
VM
nOEAB, nOEBA,
nEAB, nEBA
nAx, nBx
VOL
SH00044
Waveform 5. 3-State Output Enable Time to Low Level and
Output Disable Time from Low Level
MR
VM
tPHL
VM
VM
nAx, nBx
SH00043
tW(L)
Waveform 6. Master Reset Pulse Width, Master
Reset to Output Delay


Numéro de pièce similaire - 74ABT161543

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ABT162240 PHILIPS-74ABT162240 Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABT162240DGG PHILIPS-74ABT162240DGG Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABT162240DL PHILIPS-74ABT162240DL Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
logo
Fairchild Semiconductor
74ABT162244 FAIRCHILD-74ABT162244 Datasheet
92Kb / 7P
   16-Bit Buffer/Line Driver with 25??Series Resistors in the Outputs
More results

Description similaire - 74ABT161543

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ABT16543 PHILIPS-74ABT16543 Datasheet
90Kb / 12P
   16-bit latched transceivers with dual enable 3-State
1998 Feb 27
74ABT543A PHILIPS-74ABT543A Datasheet
115Kb / 12P
   Octal latched transceiver with dual enable (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ABT543A NEXPERIA-74ABT543A Datasheet
267Kb / 17P
   Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
logo
NXP Semiconductors
74ALVCH16623 PHILIPS-74ALVCH16623 Datasheet
84Kb / 16P
   16-bit transceiver with dual enable; 3-state
1999 Sep 20
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74F543 NXP-74F543 Datasheet
99Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 04-26 January 2010
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT544 NXP-74ABT544 Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
logo
Nexperia B.V. All right...
74ALVCH16652 NEXPERIA-74ALVCH16652 Datasheet
260Kb / 18P
   16-bit transceiver/register with dual enable; 3-state
Rev. 3 - 12 September 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com