Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ABT02DB Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce 74ABT02DB
Description  Quad 2-input NOR gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT02DB Fiches technique(HTML) 2 Page - NXP Semiconductors

  74ABT02DB Datasheet HTML 1Page - NXP Semiconductors 74ABT02DB Datasheet HTML 2Page - NXP Semiconductors 74ABT02DB Datasheet HTML 3Page - NXP Semiconductors 74ABT02DB Datasheet HTML 4Page - NXP Semiconductors 74ABT02DB Datasheet HTML 5Page - NXP Semiconductors 74ABT02DB Datasheet HTML 6Page - NXP Semiconductors 74ABT02DB Datasheet HTML 7Page - NXP Semiconductors 74ABT02DB Datasheet HTML 8Page - NXP Semiconductors 74ABT02DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74ABT02
Quad 2-input NOR gate
2
1995 Sep 18
853-1808 15754
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C;
GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation
delay
An or Bn
to Yn
CL = 50pF;
VCC = 5V
2.4
1.8
ns
tOSLH
tOSHL
Output to
Output skew
CC
0.4
ns
CIN
Input
capacitance
VI = 0V or VCC
3
pF
ICC
Total supply
current
Outputs disabled;
VCC = 5.5V
50
µA
PIN CONFIGURATION
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
VCC
A2
B2
Y2
A3
Y3
B3
A0
B0
Y1
Y0
A1
B1
SA00337
LOGIC SYMBOL
B2
A2
A0 B0
B1
A1
A3 B3
Y0Y1Y2Y3
1
4
10 13
23
5
6
8
9
11
12
VCC = Pin 14
GND = Pin 7
SA00362
LOGIC DIAGRAM
A0
B0
A1
B1
A2
Y0
B2
A3
B3
Y1
Y2
Y3
VCC = Pin 14
GND = Pin 7
1
4
10
13
2
3
5
6
8
9
11
12
SA00335
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
NAME AND FUNCTION
2, 3, 5, 6, 8,
9, 11, 12
An-Bn
Data inputs
1, 4, 10, 13
Yn
Data outputs
7
GND
Ground (0V)
14
VCC
Positive supply voltage
LOGIC SYMBOL (IEEE/IEC)
2
3
5
6
8
9
11
12
1
4
10
13
SF00010
1
FUNCTION TABLE
INPUTS
OUTPUT
An
Bn
Yn
L
L
H
L
H
L
H
L
L
H
H
L
NOTES:
H = High voltage level
L
= Low voltage level
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
14-Pin Plastic DIP
–40
°C to +85°C
74ABT02 N
74ABT02 N
SOT27-1
14-Pin plastic SO
–40
°C to +85°C
74ABT02 D
74ABT02 D
SOT108-1
14-Pin Plastic SSOP Type II
–40
°C to +85°C
74ABT02 DB
74ABT02 DB
SOT337-1
14-Pin Plastic TSSOP Type I
–40
°C to +85°C
74ABT02 PW
74ABT02PW DH
SOT402-1


Numéro de pièce similaire - 74ABT02DB

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
Nexperia B.V. All right...
74ABT00 NEXPERIA-74ABT00 Datasheet
207Kb / 10P
   Quad 2-input NAND gate
Rev. 4 - 5 October 2020
logo
NXP Semiconductors
74ABT00D PHILIPS-74ABT00D Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
Nexperia B.V. All right...
74ABT00D NEXPERIA-74ABT00D Datasheet
207Kb / 10P
   Quad 2-input NAND gate
Rev. 4 - 5 October 2020
logo
NXP Semiconductors
74ABT00DB PHILIPS-74ABT00DB Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
More results

Description similaire - 74ABT02DB

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
   Quad 2-input NOR gate
1990 Oct 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com