Moteur de recherche de fiches techniques de composants électroniques |
|
STBB5B2 Fiches technique(PDF) 3 Page - EIC discrete Semiconductors |
|
STBB5B2 Fiches technique(HTML) 3 Page - EIC discrete Semiconductors |
3 / 4 page ELECTRICAL CHARACTERISTICS Rating at 25 °C ambient temperature unless otherwise specified Breakdown Voltage @ It W orking Peak Maximum Maximum Maximum Maximum ( Note 1 ) Reverse Reverse Leakage Reverse Clamping Temperature TYPE Voltage @ VRWM Current Voltage @ IRSM Co-efficient VBR (V) It VRWM IR IRSM VRSM of VBR Min. Max. (mA) (V) ( µA) (A) (V) (% / °C) STBB062 58.9 68.2 1.0 53.0 5.0 4.7 85.0 0.104 STBB562 58.9 65.1 1.0 53.0 5.0 4.7 85.0 0.104 STBB068 64.6 74.8 1.0 58.1 5.0 4.3 92.0 0.104 STBB568 64.6 71.4 1.0 58.1 5.0 4.3 92.0 0.104 STBB075 71.3 82.5 1.0 64.1 5.0 3.9 103 0.105 STBB575 71.3 78.8 1.0 64.1 5.0 3.9 103 0.105 STBB082 77.9 90.2 1.0 70.1 5.0 3.5 113 0.105 STBB582 77.9 86.1 1.0 70.1 5.0 3.5 113 0.105 STBB091 86.5 100 1.0 77.8 5.0 3.2 125 0.106 STBB591 86.5 95.5 1.0 77.8 5.0 3.2 125 0.106 STBB0B0 95.0 110 1.0 85.5 5.0 2.9 137 0.106 STBB5B0 95.0 105 1.0 85.5 5.0 2.9 137 0.106 STBB0B1 105 121 1.0 94.0 5.0 2.6 152 0.107 STBB5B1 105 116 1.0 94.0 5.0 2.6 152 0.107 STBB0B2 114 132 1.0 102 5.0 2.4 165 0.107 STBB5B2 114 126 1.0 102 5.0 2.4 165 0.107 STBB0B3 124 143 1.0 111 5.0 2.2 179 0.107 STBB5B3 124 137 1.0 111 5.0 2.2 179 0.107 STBB0B5 143 165 1.0 128 5.0 2.0 207 0.108 STBB5B5 143 158 1.0 128 5.0 2.0 207 0.108 STBB0B6 152 176 1.0 136 5.0 1.8 219 0.108 STBB5B6 152 168 1.0 136 5.0 1.8 219 0.108 STBB0B7 161 187 1.0 145 5.0 1.7 234 0.108 STBB5B7 161 179 1.0 145 5.0 1.7 234 0.108 STBB0B8 171 198 1.0 154 5.0 1.6 246 0.108 STBB5B8 171 189 1.0 154 5.0 1.6 246 0.108 STBB0D0 190 220 1.0 171 5.0 1.5 274 0.108 STBB5D0 190 210 1.0 171 5.0 1.5 274 0.108 STBB0D2 209 242 1.0 188 5.0 1.4 301 0.108 STBB5D2 209 231 1.0 188 5.0 1.4 301 0.108 STBB0D5 237 275 1.0 213 5.0 1.3 344 0.110 STBB5D5 237 263 1.0 213 5.0 1.3 344 0.110 STBB0D8 266 308 1.0 239 5.0 1.3 384 0.110 STBB5D8 266 294 1.0 239 5.0 1.3 384 0.110 STBB0E0 285 330 1.0 256 5.0 1.2 414 0.110 STBB5E0 285 315 1.0 256 5.0 1.2 414 0.110 STBB0E2 304 352 1.0 273 5.0 1.2 438 0.110 STBB5E2 304 336 1.0 273 5.0 1.2 438 0.110 STBB0E5 332 385 1.0 299 5.0 0.9 482 0.110 STBB5E5 332 368 1.0 299 5.0 0.9 482 0.110 STBB0G0 380 440 1.0 342 5.0 0.9 548 0.110 STBB5G0 380 420 1.0 342 5.0 0.9 548 0.110 STBB0G4 418 484 1.0 376 5.0 0.8 603 0.110 STBB5G4 418 462 1.0 376 5.0 0.8 603 0.110 Note: ( 1 ) VBR measured after It applied for 300 µs., It = square wave pulse or equivalent. ( 2 ) "STB" will be omitted in marking on the diode. Page 3 of 4 Rev. 04 : March 25, 2005 |
Numéro de pièce similaire - STBB5B2 |
|
Description similaire - STBB5B2 |