Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM65570S Fiches technique(PDF) 64 Page - ELAN Microelectronics Corp

No de pièce EM65570S
Description  68COM/98SEG 65K Color STN LCD Drivers
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMC [ELAN Microelectronics Corp]
Site Internet  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65570S Fiches technique(HTML) 64 Page - ELAN Microelectronics Corp

Back Button EM65570S Datasheet HTML 60Page - ELAN Microelectronics Corp EM65570S Datasheet HTML 61Page - ELAN Microelectronics Corp EM65570S Datasheet HTML 62Page - ELAN Microelectronics Corp EM65570S Datasheet HTML 63Page - ELAN Microelectronics Corp EM65570S Datasheet HTML 64Page - ELAN Microelectronics Corp EM65570S Datasheet HTML 65Page - ELAN Microelectronics Corp EM65570S Datasheet HTML 66Page - ELAN Microelectronics Corp EM65570S Datasheet HTML 67Page - ELAN Microelectronics Corp EM65570S Datasheet HTML 68Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 102 page
background image
EM65570S
68COM/98SEG 65K Color STN LCD Drivers
58
Product Specification (V1.0) 04.18.2006
(This specification is subject to change without further notice)
AYI
AXI
Select Address Increment Operation
Remark
0
0
Address is not increment
(1)
0
1
X-Address is increment
(2)
1
0
Y-Address is increment
(3)
1
1
X and Y both are increment
(4)
(1) Regardless of AIM, no increment for AX and AY register.
(2) According to the setting-up of AIM, automatically change X address.
NOTE
maxH: The internal maximum X-address in each access mode.
(3) According to the setting-up of AIM, automatically change Y address.
00H
01H
.......
max
Transition of AY Register
Transition of Y Address
Same as AY register
(4) According to the setting-up of AIM, cooperative change X and Y address. When the
X address exceed maxH, Y address increment occurs.
00H
00H
max
AX:
AY:
When each AX exceed maxH, increment AY
Transition of AX and AY Register
Transition of X and Y Address
Same as AX and AY register
00H
00H
max
NOTE
maxH: The internal maximum X-address in each access mode.
Transition of AX Register
Transition of X Address
Same as AX register
00H
01H
.......
max


Numéro de pièce similaire - EM65570S

FabricantNo de pièceFiches techniqueDescription
logo
ELAN Microelectronics C...
EM65570 EMC-EM65570 Datasheet
929Kb / 100P
   68COM / 98SEG 65K Color STN LCD Driver
EM65570AGH EMC-EM65570AGH Datasheet
929Kb / 100P
   68COM / 98SEG 65K Color STN LCD Driver
More results

Description similaire - EM65570S

FabricantNo de pièceFiches techniqueDescription
logo
ELAN Microelectronics C...
EM65570 EMC-EM65570 Datasheet
929Kb / 100P
   68COM / 98SEG 65K Color STN LCD Driver
EM65571 EMC-EM65571 Datasheet
816Kb / 118P
   130COM / 128SEG 65K Color STN LCD Driver
logo
Sharp Corporation
LM130SS1T611 SHARP-LM130SS1T611 Datasheet
106Kb / 1P
   Color STN-LCD Module
LM8M64 SHARP-LM8M64_07 Datasheet
783Kb / 30P
   Color STN LCD Module
LM12S47 SHARP-LM12S47 Datasheet
72Kb / 1P
   Color STN-LCD Module
LM12S402 SHARP-LM12S402 Datasheet
72Kb / 1P
   Color STN-LCD Module
LM64C350 SHARP-LM64C350 Datasheet
65Kb / 1P
   Color STN LCD Module
LM9V381 SHARP-LM9V381 Datasheet
50Kb / 1P
   Color STN-LCD Module
LM10V33 SHARP-LM10V33 Datasheet
46Kb / 1P
   Color STN LCD Module
LM12S48 SHARP-LM12S48 Datasheet
72Kb / 1P
   Color STN-LCD Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com