Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2PA1576 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce 2PA1576
Description  PNP general purpose transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2PA1576 Fiches technique(HTML) 2 Page - NXP Semiconductors

  2PA1576 Datasheet HTML 1Page - NXP Semiconductors 2PA1576 Datasheet HTML 2Page - NXP Semiconductors 2PA1576 Datasheet HTML 3Page - NXP Semiconductors 2PA1576 Datasheet HTML 4Page - NXP Semiconductors 2PA1576 Datasheet HTML 5Page - NXP Semiconductors 2PA1576 Datasheet HTML 6Page - NXP Semiconductors 2PA1576 Datasheet HTML 7Page - NXP Semiconductors 2PA1576 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 May 31
2
Philips Semiconductors
Product specification
PNP general purpose transistor
2PA1576
FEATURES
• Low current (max. 100 mA)
• Low voltage (max. 40 V)
• Low collector capacitance (typ. 2.5 pF).
APPLICATIONS
• General purpose switching and amplification.
DESCRIPTION
PNP transistor in a SC-70 (SOT323) plastic package.
NPN complement: 2PC4081.
PINNING
PIN
DESCRIPTION
1
base
2
emitter
3
collector
Fig.1
Simplified outline (SC-70; SOT323)
and symbol.
handbook, halfpage
MAM048
Top view
2
1
3
2
3
1
MARKING
Note
1.
∗ = -: Made in Hong Kong.
∗ = t: Made in Malaysia.
TYPE NUMBER
MARKING CODE (1)
2PA1576Q
F
∗Q
2PA1576R
F
∗R
2PA1576S
F
∗S
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Refer to SC-70 (SOT323) standard mounting conditions.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−50
V
VCEO
collector-emitter voltage
open base
−−40
V
VEBO
emitter-base voltage
open collector
−−5V
IC
collector current (DC)
−−100
mA
ICM
peak collector current
−−200
mA
IBM
peak base current
−−200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
200
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C


Numéro de pièce similaire - 2PA1576

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
2PA1576 KEXIN-2PA1576 Datasheet
47Kb / 1P
   PNP General Purpose Transistor
logo
NXP Semiconductors
2PA1576 NXP-2PA1576 Datasheet
91Kb / 7P
   PNP general-purpose transistor
Rev. 06-17 November 2009
logo
Nexperia B.V. All right...
2PA1576 NEXPERIA-2PA1576 Datasheet
1Mb / 7P
   PNP general-purpose transistor
Rev. 06 17 November 2009
logo
Guangdong Kexin Industr...
2PA1576Q KEXIN-2PA1576Q Datasheet
47Kb / 1P
   PNP General Purpose Transistor
logo
NXP Semiconductors
2PA1576Q NXP-2PA1576Q Datasheet
91Kb / 7P
   PNP general-purpose transistor
Rev. 06-17 November 2009
More results

Description similaire - 2PA1576

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PSS9015B PHILIPS-PSS9015B Datasheet
59Kb / 7P
   PNP general purpose transistor
2004 Aug 10
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 Apr 27
logo
Samsung semiconductor
MMBT4125 SAMSUNG-MMBT4125 Datasheet
30Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
Bruckewell Technology L...
MMBTA55-A56 BWTECH-MMBTA55-A56 Datasheet
201Kb / 3P
   PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT3906T BILIN-MMBT3906T Datasheet
167Kb / 4P
   PNP General Purpose Transistor
MMBTA55 BILIN-MMBTA55_13 Datasheet
117Kb / 3P
   PNP General Purpose Transistor
MMST5401 BILIN-MMST5401_14 Datasheet
173Kb / 4P
   PNP General Purpose Transistor
2SA1774 BILIN-2SA1774 Datasheet
165Kb / 4P
   PNP General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com