Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N5064 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce 2N5064
Description  Thyristor sensitive gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N5064 Fiches technique(HTML) 3 Page - NXP Semiconductors

  2N5064 Datasheet HTML 1Page - NXP Semiconductors 2N5064 Datasheet HTML 2Page - NXP Semiconductors 2N5064 Datasheet HTML 3Page - NXP Semiconductors 2N5064 Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Philips Semiconductors
Product specification
Thyristor
2N5064
sensitive gate
MECHANICAL DATA
Dimensions in mm
Net Mass: 0.2 g
Fig.1. TO92; plastic envelope.
Notes
1. Epoxy meets UL94 V0 at 1/8".
0.48
0.40
0.40
min
12.7 min
5.2 max
4.8 max
4.2 max
2.5 max
1.6
2.54
0.66
0.56
1
2
3
October 1997
3
Rev 1.200


Numéro de pièce similaire - 2N5064

FabricantNo de pièceFiches techniqueDescription
logo
Boca Semiconductor Corp...
2N5064 BOCA-2N5064 Datasheet
31Kb / 1P
   SCRs (Silicon Controlled Rectifiers)
logo
New Jersey Semi-Conduct...
2N5064 NJSEMI-2N5064 Datasheet
44Kb / 1P
   Silicon Controlled Rectifiers
logo
Central Semiconductor C...
2N5064 CENTRAL-2N5064 Datasheet
22Kb / 1P
   0.8 to 110 Amperes RMS 15 to 1200 Volts
logo
ON Semiconductor
2N5064 ONSEMI-2N5064 Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
logo
Littelfuse
2N5064 LITTELFUSE-2N5064 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
More results

Description similaire - 2N5064

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
EC103D1 NXP-EC103D1 Datasheet
78Kb / 12P
   Thyristor, sensitive gate
Rev. 02-31 July 2008
EC103D1 PHILIPS-EC103D1 Datasheet
70Kb / 12P
   Thyristor, sensitive gate
Rev. 02-31 July 2008
logo
Shenzhen Winsemi Microe...
WTPA12A80CW WINSEMI-WTPA12A80CW Datasheet
447Kb / 6P
   Sensitive Gate Bi-Directional Triode Thyristor
WTPB12A60CW WINSEMI-WTPB12A60CW Datasheet
441Kb / 6P
   Sensitive Gate Bi-Directional Triode Thyristor
WTPA12A60SW WINSEMI-WTPA12A60SW Datasheet
447Kb / 6P
   Sensitive Gate Bi-Directional Triode Thyristor
logo
STMicroelectronics
X0115MUF STMICROELECTRONICS-X0115MUF Datasheet
202Kb / 11P
   1 A sensitive gate SCR thyristor
October 2019
logo
Shenzhen Winsemi Microe...
WTPB16A60SW WINSEMI-WTPB16A60SW Datasheet
412Kb / 6P
   Sensitive Gate Bi-Directional Triode Thyristor
WTPB12A60BW WINSEMI-WTPB12A60BW Datasheet
441Kb / 6P
   Sensitive Gate Bi-Directional Triode Thyristor
logo
DONGGUAN YOU FENG WEI E...
BT169 YFWDIODE-BT169 Datasheet
518Kb / 4P
   0.8A gate-level sensitive one-way thyristor
X0405 YFWDIODE-X0405 Datasheet
621Kb / 4P
   4A gate-level sensitive one-way thyristor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com