Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N2906 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce 2N2906
Description  PNP switching transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N2906 Fiches technique(HTML) 3 Page - NXP Semiconductors

  2N2906 Datasheet HTML 1Page - NXP Semiconductors 2N2906 Datasheet HTML 2Page - NXP Semiconductors 2N2906 Datasheet HTML 3Page - NXP Semiconductors 2N2906 Datasheet HTML 4Page - NXP Semiconductors 2N2906 Datasheet HTML 5Page - NXP Semiconductors 2N2906 Datasheet HTML 6Page - NXP Semiconductors 2N2906 Datasheet HTML 7Page - NXP Semiconductors 2N2906 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1997 Jun 02
3
Philips Semiconductors
Product specification
PNP switching transistors
2N2906; 2N2906A
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−60
V
VCEO
collector-emitter voltage
open base
2N2906
−−40
V
2N2906A
−−60
V
VEBO
emitter-base voltage
open collector
−−5V
IC
collector current (DC)
−−600
mA
ICM
peak collector current
−−800
mA
IBM
peak base current
−−200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
400
mW
Tcase ≤ 25 °C
1.2
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
200
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
in free air
438
K/W
Rth j-c
thermal resistance from junction to case
146
K/W


Numéro de pièce similaire - 2N2906

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
2N2906 STMICROELECTRONICS-2N2906 Datasheet
233Kb / 4P
   1.8W PNP GENERAL PURPOSE SAMLL SIGNAL TRANSISTORS
logo
Semicoa Semiconductor
2N2906 SEMICOA-2N2906 Datasheet
29Kb / 1P
   Chip Type 2C2904A Geometry 0600 Polarity PNP
logo
Siemens Semiconductor G...
2N2906 SIEMENS-2N2906 Datasheet
41Kb / 2P
   PNP SILICON PLANAR TRANSISTORS
logo
Micro Electronics
2N2906 MICRO-ELECTRONICS-2N2906 Datasheet
103Kb / 2P
   PNP SILICON GENERAL PURPOSE AMPLIFIERS AND SWITCHES
logo
Raytheon Company
2N2906 RAYTHEON-2N2906 Datasheet
777Kb / 12P
   Medium Current General Purpose Amplifiers and Switches
More results

Description similaire - 2N2906

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BSR15 NXP-BSR15 Datasheet
139Kb / 8P
   PNP switching transistors
2004 Jan 13
PMBT2907 NXP-PMBT2907 Datasheet
136Kb / 8P
   PNP switching transistors
2004 Jan 16
logo
Micro Commercial Compon...
2N2907 MCC-2N2907_11 Datasheet
459Kb / 3P
   PNP Switching Transistors
logo
NXP Semiconductors
2N2907 PHILIPS-2N2907 Datasheet
52Kb / 8P
   PNP switching transistors
1997 May 30
BSR15 PHILIPS-BSR15 Datasheet
45Kb / 8P
   PNP switching transistors
1999 Apr 15
logo
Micro Commercial Compon...
2N2907 MCC-2N2907 Datasheet
415Kb / 3P
   PNP Switching Transistors
logo
NXP Semiconductors
BCY78 PHILIPS-BCY78 Datasheet
54Kb / 8P
   PNP switching transistors
1997 Jun 18
logo
Guangdong Kexin Industr...
BSR15 KEXIN-BSR15 Datasheet
44Kb / 2P
   PNP Switching Transistors
logo
Comset Semiconductor
2N5679 COMSET-2N5679 Datasheet
79Kb / 3P
   PNP SWITCHING TRANSISTORS
logo
NXP Semiconductors
2N2905 PHILIPS-2N2905 Datasheet
55Kb / 8P
   PNP switching transistors
1997 May 28
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com