Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM555-2403 Fiches technique(PDF) 6 Page - LEDTRONICS, INC

No de pièce SM555-2403
Description  PCB LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEDTRONICS [LEDTRONICS, INC]
Site Internet  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

SM555-2403 Fiches technique(HTML) 6 Page - LEDTRONICS, INC

Back Button SM555-2403 Datasheet HTML 2Page - LEDTRONICS, INC SM555-2403 Datasheet HTML 3Page - LEDTRONICS, INC SM555-2403 Datasheet HTML 4Page - LEDTRONICS, INC SM555-2403 Datasheet HTML 5Page - LEDTRONICS, INC SM555-2403 Datasheet HTML 6Page - LEDTRONICS, INC SM555-2403 Datasheet HTML 7Page - LEDTRONICS, INC SM555-2403 Datasheet HTML 8Page - LEDTRONICS, INC SM555-2403 Datasheet HTML 9Page - LEDTRONICS, INC SM555-2403 Datasheet HTML 10Page - LEDTRONICS, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
.135
.135
.135
[3.4]
[3.4]
[3.4]
SINGLE LEVEL T1 [5mm] LEDs
3/
4
.248
.248
.356
.360
.470
.355
.355
.248
.248
.248
.248
.245
.245
.300
.248
.248
.514
.762
1.010
.248
.248
.266
.100
.100
.100
.100
.100
.030
.100
.100
.500 MIN
.500 MIN
.190
.190
.210
.230
.050
.190
.190
.200
.200
.200
.200
.300
.200
.200
.248
.125
.125
.125
.125
.125
.125
.125
.125
.248
.324
.430
.520
.200
.300
.375
.248
.248
.248
.248
.100
.100
.266
.500 MIN
.500 MIN
.500 MIN
.500 MIN
.500 MIN
.500 MIN
.500 MIN
[6.3]
[3.2]
[3.2]
STAND OFF
SNAP IN
[3.2]
[3.2]
[3.2]
[3.2]
[3.2]
[3.2]
[6.3]
[8.2]
[10.9]
[13.2]
[5.1]
[7.6]
[9.5]
[6.3]
[6.3]
[6.3]
[6.3]
[2.6]
[2.6]
[6.8]
[12.7]
[12.7]
[12.7]
[12.7]
[12.7]
[12.7]
[12.7]
[6.3]
[6.3]
[9.1]
[9.1]
[11.9]
[9.0]
[9.0]
[6.3]
[6.3]
[6.3]
[6.3]
[6.2]
[6.2]
[7.6]
[6.3]
[6.3]
[13.1]
[19.4]
[25.7]
[6.3]
[6.3]
[6.8]
[2.6]
[2.6]
[2.6]
[2.6]
[2.6]
[0.8]
[2.6]
[2.6]
[12.7]
[12.7]
[4.8]
[4.8]
[5.3]
[5.8]
[1.3]
[4.8]
[4.8]
[5.1]
[5.1]
[5.1]
[5.1]
[7.6]
ALSO AVAILABLE FOR PCT200, PCV200, PC190, PCT190, PCV190
[5.1]
[5.1]
PC190
PC200
PCT220
PCT230
PCT240
PCT190
PCT200
PCV190
PCV200
SI
OS
OS
IL
IL
SO
12PC200
13PC200
14PC200
Options
Arrays
5
RED
COLOR
R
CODE
2.0/2.8
Vf
12/38
Iv mcd
20/30
mA
YELLOW
Y
2.1/2.8
8/25
20/30
GREEN
G
2.2/2.8
8/25
20/30
BLUE
B
3.2/3.7
4/8
20/30
+
+
+
+
+
+
+
+
+
- ALL "Vf" READINGS ARE TYP/MAX
- ALL "mcd" READINGS ARE MIN/TYP
- 5V = 5 VOLT INTEGRATED RESISTOR
- LC = LOW CURRENT 2mA LEDs
- X = DENOTES BLANK LED SPACE
- CONSULT FACTORY ON PART NUMBERS FOR
ARRAYS WITH NONCONSECUTIVE COLORS
SAMPLE PART NUMBER:
LED COLOR
PCT200TX4
SPECIALS


Numéro de pièce similaire - SM555-2403

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
SM55 SUMIDA-SM55 Datasheet
52Kb / 2P
   RF Coils
logo
Pletronics, Inc.
SM55-18 PLETRONICS-SM55-18 Datasheet
116Kb / 7P
   Miniature SMD Crystal
logo
Silicon Mitus, Inc.
SM5508A SILICONMITUS-SM5508A Datasheet
748Kb / 2P
   Embedded Protocol MUIC for Accessory Detection
November 2021 Rev0.0.8
logo
Leshan Radio Company
SM550A LRC-SM550A Datasheet
166Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM550A-E LRC-SM550A-E Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
More results

Description similaire - SM555-2403

FabricantNo de pièceFiches techniqueDescription
logo
Marl International Limi...
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
107-305-04 MARL-107-305-04_13 Datasheet
184Kb / 4P
   pcb led indicators
109-305-04 MARL-109-305-04_13 Datasheet
222Kb / 5P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
113-305-01 MARL-113-305-01 Datasheet
242Kb / 2P
   PCB MOUNTING LED
109-305-01 MARL-109-305-01_15 Datasheet
227Kb / 2P
   PCB MOUNTING LED
151-535-04 MARL-151-535-04_15 Datasheet
213Kb / 2P
   PCB MOUNTING LED
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com