Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STC128N Fiches technique(PDF) 1 Page - AUK corp

No de pièce STC128N
Description  NPN Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AUK [AUK corp]
Site Internet  https:www.auk.co.kr
Logo AUK - AUK corp

STC128N Fiches technique(HTML) 1 Page - AUK corp

  STC128N Datasheet HTML 1Page - AUK corp STC128N Datasheet HTML 2Page - AUK corp STC128N Datasheet HTML 3Page - AUK corp STC128N Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-T0C005-001
1
STC128N
NPN Silicon Transistor
Description
• High current application
Features
• Extremely low collector saturation voltage: VCE(sat)=0.1V(Typ.) @ IC=500mA, IB=50mA
• Suitable for low voltage large current drivers
• High DC current gain and large current capability
• Low on resistance : RON=0.6Ω(Max.) @ IB=1mA
Ordering Information
Type NO.
Marking
Package Code
STC128N
STC128
TO-92N
Outline Dimensions
unit : mm
S
Seem
miiccoon
nd
du
uccttoorr
PIN Connections
1. Emitter
2. Collector
3. Base
0.40 Max.
1.27 Typ.
0.52 Max.
2.25 Max.
4.20~4.40
0.90 Max.
3.55 Typ
2 3
1


Numéro de pièce similaire - STC128N

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
STC128 AUK-STC128 Datasheet
64Kb / 3P
   NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
STC128 KODENSHI-STC128 Datasheet
180Kb / 4P
   NPN Silicon Transistor
STC128 KODENSHI-STC128 Datasheet
180Kb / 4P
   NPN Silicon Transistor
logo
Jiangsu Changjiang Elec...
STC128 JIANGSU-STC128 Datasheet
476Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Nanjing International G...
STC128 DGNJDZ-STC128 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results

Description similaire - STC128N

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com