Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD070-HL2-520 Fiches technique(PDF) 1 Page - ANADIGICS, Inc

No de pièce PD070-HL2-520
Description  High Performance Analog Photodiode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANADIGICS [ANADIGICS, Inc]
Site Internet  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

PD070-HL2-520 Fiches technique(HTML) 1 Page - ANADIGICS, Inc

  PD070-HL2-520 Datasheet HTML 1Page - ANADIGICS, Inc PD070-HL2-520 Datasheet HTML 2Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PD070-HL2
High Performance Analog Photodiode
PD070-HL2-5xx
SC Receptacle
PD070-HL2-5xx
ST Receptacle
FEATURES
Excellent Linearity
High Responsivity
Low Dark Current
Dielectric Passivation
100% Purge Burn-in
Planar Structure
APPLICATIONS
Analog Optical Receivers to 3GHz
Forward Path CATV Optical Receivers
FTTH Receivers
PD070-HL2-3xx
SC/APC Pigtail
PD070-HL2-5xx
FC Receptacle
PRODUCT DESCRIPTION
The PD070-HL2 is a high performance, InGaAs
photodiode with a photosensitive region 70
μm
in diameter. It has been specifically designed
for low noise, high linearity analog optical
receivers operating to 3GHz.
Planar semiconductor design and dielectric
passivation provide low noise performance.
Reliability is assured by hermetic sealing and
100% purge burn-in (0200°C, 15 hours, Vr = 20V).
The device can be either pigtailed with SC, FC or
ST connectors (UPC or APC) or mounted in an
SC, ST of FC receptacle. Custom packages are
also available.
ELECTRICAL CHARACTERISTICS
Table 1: Electrical Specifications
PARAMETER
MIN
TYP
MAX
UNIT
Dark Current (ID)
-
0.1
1.0
nA
Capacitance
(1)
-
0.6
0.7
pF
Responsivity at 1310nm
0.80
0.90
-
A/W
Responsivity at 1550nm
0.85
0.95
-
A/W
3dB bandwidth (75Ω bias)
2800
3300
-
MHz
Single Second Order (SSO)
(2)
-
-75
-70
dBc
Single Triple Beat (STB)
(2)
-
-85
-80
dBc
Optical Return Loss (Pigtail using SMF-28)
50
55
-
dB
Optical Return Loss (Receptacle, APC connector)
40
45
-
dB
Operating voltage
-
5
20
V
(1) 5V bias voltage
(2) SSO and STB measurements to 860MHz using 2 and 3 tones at 40% OMI, 0dBm optical input, 1310nm, 12V bias.


Numéro de pièce similaire - PD070-HL2-520

FabricantNo de pièceFiches techniqueDescription
logo
ANADIGICS, Inc
PD070-HL1 ANADIGICS-PD070-HL1 Datasheet
178Kb / 2P
   High Performance Analog Photodiode
PD070-HL1-300 ANADIGICS-PD070-HL1-300 Datasheet
178Kb / 2P
   High Performance Analog Photodiode
PD070-HL1-3XX ANADIGICS-PD070-HL1-3XX Datasheet
178Kb / 2P
   High Performance Analog Photodiode
PD070-HL1-520 ANADIGICS-PD070-HL1-520 Datasheet
178Kb / 2P
   High Performance Analog Photodiode
PD070-HL1-5XX ANADIGICS-PD070-HL1-5XX Datasheet
178Kb / 2P
   High Performance Analog Photodiode
More results

Description similaire - PD070-HL2-520

FabricantNo de pièceFiches techniqueDescription
logo
ANADIGICS, Inc
PD070-HL1 ANADIGICS-PD070-HL1 Datasheet
178Kb / 2P
   High Performance Analog Photodiode
logo
Eudyna Devices Inc
FID3S1HX EUDYNA-FID3S1HX Datasheet
270Kb / 6P
   Analog PIN Photodiode
FID3S2KX EUDYNA-FID3S2KX Datasheet
153Kb / 4P
   Analog PIN Photodiode
logo
Advanced Photonix, Inc.
SD100-14-21-021 ADVANCEDPHOTONIX-SD100-14-21-021 Datasheet
98Kb / 1P
   Red Enhanced High Performance Silicon Photodiode
SD200-14-21-041 ADVANCEDPHOTONIX-SD200-14-21-041 Datasheet
96Kb / 1P
   Red Enhanced High Performance Silicon Photodiode
SD057-14-21-011 ADVANCEDPHOTONIX-SD057-14-21-011 Datasheet
143Kb / 1P
   Red Enhanced High Performance Silicon Photodiode
logo
Luna Innovations Incorp...
SD200-14-21-041 LUNA-SD200-14-21-041 Datasheet
188Kb / 2P
   Red Enhanced High Performance Silicon Photodiode
SD100-14-21-021 LUNA-SD100-14-21-021 Datasheet
193Kb / 2P
   Red Enhanced High Performance Silicon Photodiode
logo
Advanced Photonix, Inc.
SD445-14-21-305 ADVANCEDPHOTONIX-SD445-14-21-305 Datasheet
94Kb / 1P
   Red Enhanced High Performance Silicon Photodiode
SD172-14-21-021 ADVANCEDPHOTONIX-SD172-14-21-021 Datasheet
96Kb / 1P
   Red Enhanced High Performance Silicon Photodiode
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com