Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AWT6251 Fiches technique(PDF) 6 Page - ANADIGICS, Inc

No de pièce AWT6251
Description  PCS/WCDMA 3.4V/27.5 dBm Linear Power Amplifier Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANADIGICS [ANADIGICS, Inc]
Site Internet  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6251 Fiches technique(HTML) 6 Page - ANADIGICS, Inc

Back Button AWT6251 Datasheet HTML 2Page - ANADIGICS, Inc AWT6251 Datasheet HTML 3Page - ANADIGICS, Inc AWT6251 Datasheet HTML 4Page - ANADIGICS, Inc AWT6251 Datasheet HTML 5Page - ANADIGICS, Inc AWT6251 Datasheet HTML 6Page - ANADIGICS, Inc AWT6251 Datasheet HTML 7Page - ANADIGICS, Inc AWT6251 Datasheet HTML 8Page - ANADIGICS, Inc AWT6251 Datasheet HTML 9Page - ANADIGICS, Inc AWT6251 Datasheet HTML 10Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
PRELIMINARY DATA SHEET - Rev 1.3
06/2005
AWT6251
PACKAGE OUTLINE
Figure 4: M7 Package Outline - 10 Pin 4 mm x 4 mm x 1.5 mm Surface Mount Module
Figure 5: Branding Specification
BBB
AWT6251
AWT6251
LASER MARKED


Numéro de pièce similaire - AWT6251

FabricantNo de pièceFiches techniqueDescription
logo
ANADIGICS, Inc
AWT6252 ANADIGICS-AWT6252 Datasheet
152Kb / 8P
   IMT/WCDMA 3.4V/27.5dBm Linear Power Amplifier Module
AWT6252M7P8 ANADIGICS-AWT6252M7P8 Datasheet
152Kb / 8P
   IMT/WCDMA 3.4V/27.5dBm Linear Power Amplifier Module
More results

Description similaire - AWT6251

FabricantNo de pièceFiches techniqueDescription
logo
ANADIGICS, Inc
AWT6274 ANADIGICS-AWT6274 Datasheet
278Kb / 8P
   HELP PCS/WCDMA 3.4V/29dBm Linear Power Amplifier Module
AWT6276 ANADIGICS-AWT6276 Datasheet
432Kb / 8P
   HELPTM PCS/WCDMA 3.4 V/29.5 dBm Linear Power Amplifier Module
AWT6276R ANADIGICS-AWT6276R Datasheet
215Kb / 8P
   HELP PCS/WCDMA 3.4 V/29.5 dBm Linear Power Amplifier Module
AWT6252 ANADIGICS-AWT6252 Datasheet
152Kb / 8P
   IMT/WCDMA 3.4V/27.5dBm Linear Power Amplifier Module
AWT6135 ANADIGICS-AWT6135 Datasheet
260Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6113 ANADIGICS-AWT6113 Datasheet
236Kb / 16P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6302 ANADIGICS-AWT6302 Datasheet
177Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6308R ANADIGICS-AWT6308R Datasheet
176Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6302R ANADIGICS-AWT6302R Datasheet
442Kb / 10P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6308R ANADIGICS-AWT6308R_08 Datasheet
406Kb / 8P
   HELP2TM PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com