Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AWT6167R Fiches technique(PDF) 4 Page - ANADIGICS, Inc

No de pièce AWT6167R
Description  GSM900/DCS Dual Band Power Amplifier Module With Integrated Power Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANADIGICS [ANADIGICS, Inc]
Site Internet  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6167R Fiches technique(HTML) 4 Page - ANADIGICS, Inc

  AWT6167R Datasheet HTML 1Page - ANADIGICS, Inc AWT6167R Datasheet HTML 2Page - ANADIGICS, Inc AWT6167R Datasheet HTML 3Page - ANADIGICS, Inc AWT6167R Datasheet HTML 4Page - ANADIGICS, Inc AWT6167R Datasheet HTML 5Page - ANADIGICS, Inc AWT6167R Datasheet HTML 6Page - ANADIGICS, Inc AWT6167R Datasheet HTML 7Page - ANADIGICS, Inc AWT6167R Datasheet HTML 8Page - ANADIGICS, Inc AWT6167R Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
PRELIMINARY DATA SHEET - Rev 1.0
06/2005
AWT6167R
Table 6: Operating Ranges
The device may be operated safely over these conditions; however, parametric performance is
guaranteed only over the conditions defined in the electrical specifications.
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
T
(
e
r
u
t
a
r
e
p
m
e
T
e
s
a
C
C
)0
2
--
5
8C
°
V
(
e
g
a
t
l
o
V
y
l
p
p
u
S
T
T
A
B
)0
.
35
.
38
.
4V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
y
l
p
p
u
S
r
e
w
o
P-
1
0
1A
µ
V
T
T
A
B
,
V
8
.
4
=
V
P
M
A
R
,
V
0
=
,
W
O
L
=
N
E
_
X
T
d
e
il
p
p
a
F
R
o
N
e
g
n
a
R
e
g
a
t
l
o
V
l
o
r
t
n
o
C2
.
0-
6
.
1V
T
(
e
m
i
t
n
o
n
r
u
T
N
O
)-
-
1
µs
V
P
M
A
R
=
N
E
_
X
T
,
V
2
.
0
=
W
O
L
h
g
i
H
P N
I
m
B
d
5
=
T
(
e
m
i
t
f
f
o
n
r
u
T
F
F
O
)-
-
1
µs
V
P
M
A
R
=
N
E
_
X
T
,
V
2
.
0
=
H
G
I
H
W
O
L
P N
I
m
B
d
5
=
T
(
e
m
i
T
e
s
i
R
E
S
I
R
)-
-
1
µs
P T
U
O
m
B
d
0
1
-
=
→P X
A
M
)
B
d
2
.
0
n
i
h
t
i
w
(
T
(
e
m
i
T
ll
a
F
L
L
A
F
)-
-
1
µs
P T
U
O
P
=
X
A
M
m
B
d
0
1
-
)
B
d
2
.
0
n
i
h
t
i
w
(
V
P
M
A
R
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I-
3
-
F
p
V
P
M
A
R
t
n
e
r
r
u
C
t
u
p
n
I-
-
0
1A
µ
e
l
c
y
C
y
t
u
D-
-
0
5
%


Numéro de pièce similaire - AWT6167R

FabricantNo de pièceFiches techniqueDescription
logo
ANADIGICS, Inc
AWT6167 ANADIGICS-AWT6167 Datasheet
210Kb / 12P
   GSM900/DCS Dual Band Power Amplifier Module With Integrated Power Control
More results

Description similaire - AWT6167R

FabricantNo de pièceFiches techniqueDescription
logo
ANADIGICS, Inc
AWT6167 ANADIGICS-AWT6167 Datasheet
210Kb / 12P
   GSM900/DCS Dual Band Power Amplifier Module With Integrated Power Control
AWT6108R ANADIGICS-AWT6108R Datasheet
276Kb / 12P
   GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
AWT6166 ANADIGICS-AWT6166 Datasheet
246Kb / 12P
   GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
AWT6166R ANADIGICS-AWT6166R Datasheet
421Kb / 12P
   GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
logo
RF Micro Devices
RF3146D RFMD-RF3146D Datasheet
251Kb / 16P
   DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3198 RFMD-RF3198 Datasheet
333Kb / 16P
   DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3166D RFMD-RF3166D_1 Datasheet
365Kb / 14P
   DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3166D RFMD-RF3166D Datasheet
230Kb / 12P
   DUAL-BAND GSM900/DCS POWER AMP MODULE
logo
ANADIGICS, Inc
AWT6201 ANADIGICS-AWT6201 Datasheet
203Kb / 12P
   GSM850/GSM900/DCS/PCS Quad Band PowerPlexer with Integrated Power Control
AWT6202 ANADIGICS-AWT6202 Datasheet
209Kb / 12P
   GSM850/GSM900/DCS/PCS Quad Band PowerPlexer with Integrated Power Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com