Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMT8650-H1-EVA Fiches technique(PDF) 4 Page - ANADIGICS, Inc

No de pièce AMT8650-H1-EVA
Description  10 Gb/s 1310/1550nm PIN-TIA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANADIGICS [ANADIGICS, Inc]
Site Internet  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8650-H1-EVA Fiches technique(HTML) 4 Page - ANADIGICS, Inc

  AMT8650-H1-EVA Datasheet HTML 1Page - ANADIGICS, Inc AMT8650-H1-EVA Datasheet HTML 2Page - ANADIGICS, Inc AMT8650-H1-EVA Datasheet HTML 3Page - ANADIGICS, Inc AMT8650-H1-EVA Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AMT8650
ADVANCED PRODUCT INFORMATION – Rev 0.0
4
01/2006
PACKAGE DIMENSIONS (mm [Inches])
1.23 [0.0485]
5.41 [0.2132]
4.76 [0.1875]
0.38 [0.0150]
3.18 [0.1251]
3.66 [0.1440]
4.71 [0.1857]
1.32 [0.0520]
0.56 [0.0219]
R0.23 [R0.0089]
R0.12 [R0.0049]
R0.23 [R0.0089]
0.89 [0.0351]
2.54 [0.1001]
1.17 [0.0461]
4x
EVALUATION BOARD
VPD
VTIA
100nF
100nF
GND
GND
100nF
100nF
RF out (P)
RF out (N)
22uF/20V
22uF/20V
GND
GND
180nH
180nH
10nF
10nF
GND
GND
330R
10nF
GND
GND
GND
VOUTP
VOUTN
GND
ORDERING INFORMATION
Part Number
PACKAGE DESCRIPTION
AMT8650-T46L
5V High speed 5 pin package with ball lens
AMT8650-H1
5V High speed 5 pin package with SC/APC pigtail
AMT8650-T46L-EVA
5V High speed 5 pin package with ball lens mounted on evaluation board
AMT8650-H1-EVA
5V High speed 5 pin package with pigtail mounted on evaluation board
ANADIGICS, Inc.
829 Flynn Road
Camarillo, California 93012, U.S.A.
Tel: +1 (805) 445-4500
Fax: +1 (805) 445-4502
URL: http://www.anadigics.com
E-mail: Mktg@anadigics.com
IMPORTANT NOTICE
ANADIGICS, Inc. reserves the right to make changes to its products or discontinue any product at any time without notice. The product specifications
contained in Advanced Product Information sheets and Preliminary Data sheets are subject to change prior to a product’s formal introduction.
Information in Data Sheets have been carefully checked and are assumed to be reliable; however, ANADIGICS assumes no responsibility for
inaccuracies. ANADIGICS strongly urges customers to verify that the information they are using is current before placing orders.
WARNING
ANADIGICS products are not intended for use in life support appliances, devices, or systems. Use of an ANADIGICS product in any such application
without written consent is prohibited.


Numéro de pièce similaire - AMT8650-H1-EVA

FabricantNo de pièceFiches techniqueDescription
logo
ANADIGICS, Inc
AMT8630 ANADIGICS-AMT8630 Datasheet
166Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
AMT8630-H1 ANADIGICS-AMT8630-H1 Datasheet
166Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
AMT8630-H1-EVA ANADIGICS-AMT8630-H1-EVA Datasheet
166Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
AMT8630-T46L ANADIGICS-AMT8630-T46L Datasheet
166Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
AMT8630-T46L-EVA ANADIGICS-AMT8630-T46L-EVA Datasheet
166Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
More results

Description similaire - AMT8650-H1-EVA

FabricantNo de pièceFiches techniqueDescription
logo
ANADIGICS, Inc
AMT8630 ANADIGICS-AMT8630 Datasheet
166Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
AMT8210 ANADIGICS-AMT8210 Datasheet
218Kb / 4P
   1.25 Gb/s 1310/1550nm PIN-TIA
AMT8412 ANADIGICS-AMT8412 Datasheet
220Kb / 4P
   2.5 Gb/s 1310/1550nm PIN-TIA
AMT8410 ANADIGICS-AMT8410 Datasheet
180Kb / 8P
   2.5 Gb/s 1310/1550nm PIN-TIA
AMT121302 ANADIGICS-AMT121302 Datasheet
594Kb / 12P
   1.25Gb/s 1310/1550nm PIN-TIA
ATA7609 ANADIGICS-ATA7609 Datasheet
178Kb / 12P
   10 Gb/s High Overload TIA
AMT8310 ANADIGICS-AMT8310 Datasheet
270Kb / 8P
   2.5 Gb/s 850 nm PIN-TIA
AMT8312 ANADIGICS-AMT8312 Datasheet
242Kb / 8P
   2.5 Gb/s 850 nm PIN-TIA
logo
Zarlink Semiconductor I...
PX6524 ZARLINK-PX6524 Datasheet
617Kb / 3P
   4 x 10 Gb/s TIA/LA Receiver
PX6429 ZARLINK-PX6429 Datasheet
229Kb / 3P
   12 x 10 Gb/s TIA/LA Optical Receiver
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com