Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


LA4632 Datasheet(Fiches technique) 2 Page - Sanyo Semicon Device

Numéro de pièce LA4632
Description  10 W Two-Channel BTL AF Power Amplifier for Audio Applications
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  http://www.ssdc-jp.com/eng/
Logo 

   
 2 page
background image
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Quiescent current drain
ICCO
Rg = 0, no signal
40
70
150
mA
Standby current
Ist
010
µA
Voltage gain
VG
VO= 0 dBm
33
35
37
dB
Total harmonic distortion
THD
PO = 1 W
0.06
0.2
%
Output power
PO
THD = 10 %
8.5
10
W
Output offset voltage
VN offset
Rg = 0
–300
+300
mV
Output noise voltage
VNO
Rg = 0, BPF = 20 Hz to 20 kHz
0.14
0.3
mVrms
Supply voltage rejection ratio
SVRR
Rg = 0, fR = 100Hz, VR = 0 dBm
50
60
dB
Channel separation
CH sep
Rg = 10 k
Ω, VO = 0 dBm
50
60
dB
Input resistance
Ri
14
20
26
k
Standby pin applied voltage
VST
The pin 5 voltage such that the amplifier is on
2.5
10
V
Mute pin applied voltage
VM
The pin 6 voltage such that muting is applied
1.7
3
V
Muting attenuation
ATTM
VO = 1 Vrms, BPF = 20 Hz to 20 kHz
80
90
dB
No.8178-2/8
LA4632
SANYO : SIP12H
26.8
(20.0)
12
1
0.5
2.0
4.0
0.4
2.0
(2.4)
1.0
0
Pd max -- Ta
ILA06994
--20
30
20
25
5
10
15
20
0
40
60
80
100
120
140
160
θf=3°C/W
θf=4°C/W
θf=7°C/W
θf=10°C/W
No radiator fin
θjc=2°C/W
20.8
13.9
10.4
3.1
With an infinitely
large heat sink
Aluminum heat sink, t = 1.5 mm
Tightening torque: 39 N cm
With silicone grease applied
Ambient temperature, Ta -
°C
Operating Characteristics at Ta = 25 °C, VCC = 13 V, RL = 6 Ω, f = 1kHz, Rg = 600 Ω
Package Dimensions
unit : mm
3049B




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
LA4625Two-Channel 13.5 W BTL Audio Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA4628Two-Channel 20 W BTL Audio Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA4636For General Audio Use 11 W 2-Channel BTL AF Power Amplifier 1 2 3 Sanyo Semicon Device
LA4663Two-Channel 16-W BTL General-Purpose Audio Power Amplifier 1 2 3 4 5 MoreSanyo Semicon Device
LA490617-W 2-Channel BTL AF High-Efficiency Power Amplifier for Car Audio Systems 1 2 3 4 5 MoreSanyo Semicon Device
LA4635AFor General Audio Use 2-Channel BTL AF Power Amplifier 1 2 3 Sanyo Semicon Device
KIA3281HBIPOLAR LINEAR INTEGRATED CIRCUIT 5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)
NTE1388Integrated Circuit Audio Power Amplifier 5.8W for Car Radio Car Stereo 1 2 3 NTE Electronics
AN7191NZDual 20 W BTL audio power amplifier 1 2 3 4 5 MorePanasonic Semiconductor
2SA1327ATRANSISTOR STROBE FLASH AUDIO POWER AMPLIFIER APPLICATIONS 1 2 Toshiba Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl