Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MUN5111W Fiches technique(PDF) 2 Page - E-Tech Electronics LTD

No de pièce MUN5111W
Description  Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETL [E-Tech Electronics LTD]
Site Internet  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

MUN5111W Fiches technique(HTML) 2 Page - E-Tech Electronics LTD

  MUN5111W Datasheet HTML 1Page - E-Tech Electronics LTD MUN5111W Datasheet HTML 2Page - E-Tech Electronics LTD MUN5111W Datasheet HTML 3Page - E-Tech Electronics LTD MUN5111W Datasheet HTML 4Page - E-Tech Electronics LTD MUN5111W Datasheet HTML 5Page - E-Tech Electronics LTD MUN5111W Datasheet HTML 6Page - E-Tech Electronics LTD MUN5111W Datasheet HTML 7Page - E-Tech Electronics LTD MUN5111W Datasheet HTML 8Page - E-Tech Electronics LTD MUN5111W Datasheet HTML 9Page - E-Tech Electronics LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MUN5111dw–2/11
DEVICE MARKING AND RESISTOR VALUES
Device
Package
Marking
R 1(K)
R 2(K)
Shipping
MUN5111DW1T1
SOT–363
0A
10
10
3000/Tape & Reel
MUN5112DW1T1
SOT–363
0B
22
22
3000/Tape & Reel
MUN5113DW1T1
SOT–363
0C
47
47
3000/Tape & Reel
MUN5114DW1T1
SOT–363
0D
10
47
3000/Tape & Reel
MUN5115DW1T1 (Note 3.)
SOT–363
0E
10
3000/Tape & Reel
MUN5116DW1T1 (Note 3.)
SOT–363
0F
4.7
3000/Tape & Reel
MUN5130DW1T1 (Note 3.)
SOT–363
0G
1.0
1.0
3000/Tape & Reel
MUN5131DW1T1 (Note 3.)
SOT–363
0H
2.2
2.2
3000/Tape & Reel
MUN5132DW1T1 (Note 3.)
SOT–363
0J
4.7
4.7
3000/Tape & Reel
MUN5133DW1T1 (Note 3.)
SOT–363
0K
4.7
47
3000/Tape & Reel
MUN5134DW1T1 (Note 3.)
SOT–363
0L
22
47
3000/Tape & Reel
MUN5135DW1T1 (Note 3.)
SOT–363
0M
2.2
47
3000/Tape & Reel
MUN5136DW1T1 (Note 3.)
SOT–363
0N
100
100
3000/Tape & Reel
MUN5137DW1T1 (Note 3.)
SOT–363
0P
47
22
3000/Tape & Reel
ELECTRICAL CHARACTERISTICS
(T A = 25°C unless otherwise noted, common for Q 1 and Q 2 )
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current (V CB = –50 V, I E = 0)
I CBO
–100
nAdc
Collector-Emitter Cutoff Current (V CE = –50 V, I B = 0)
I CEO
–500
nAdc
Emitter-Base Cutoff Current
MUN5111DW1T1
(V EB = –6.0 V, I C = 0)
MUN5112DW1T1
MUN5113DW1T1
MUN5114DW1T1
MUN5115DW1T1
MUN5116DW1T1
MUN5130DW1T1
MUN5131DW1T1
MUN5132DW1T1
MUN5133DW1T1
MUN5134DW1T1
MUN5135DW1T1
MUN5136DW1T1
MUN5137DW1T1
MUN5111DW1T1
Series
I EBO
–0.5
–0.2
–0.1
–0.2
–0.9
–1.9
–4.3
–2.3
–1.5
–0.18
–0.13
–0.2
–0.05
–0.13
mAdc
Collector-Base Breakdown Voltage (I C = –10
µA, I
E = 0)
V (BR)CBO
–50
Vdc
Collector-Emitter Breakdown Voltage(Note 4.)(IC = –2.0 mA,I B=0) V (BR)CEO
–50
Vdc
ON CHARACTERISTICS (Note 4.)
Collector-Emitter Saturation Voltage (IC= –10mA,IE= –0.3 mA)
V CE(sat)
–0.25
Vdc
(I C= –10mA, I B= –5mA)
MUN5130DW1T1/MUN5131DW1T1
(I C= –10mA, IB= –1mA)
MUN5115DW1T1/MUN5116DW1T1
MUN5132DW1T1/MUN5133DW1T1/MUN5134DW1T1
3. New resistor combinations. Updated curves to follow in subsequent data sheets.
4. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Numéro de pièce similaire - MUN5111W

FabricantNo de pièceFiches techniqueDescription
logo
Weitron Technology
MUN5111 WEITRON-MUN5111 Datasheet
112Kb / 6P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MUN5111 ONSEMI-MUN5111 Datasheet
146Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 10 k
December, 2013 ??Rev. 7
MUN5111 ONSEMI-MUN5111 Datasheet
149Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 10 k PNP Transistors with Monolithic Bias Resistor Network
December, 2013 ??Rev. 7
MUN5111 ONSEMI-MUN5111 Datasheet
184Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 8
logo
Yea Shin Technology Co....
MUN5111 YEASHIN-MUN5111 Datasheet
1Mb / 12P
   Bias Resistor Transistor
More results

Description similaire - MUN5111W

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
LMUN5111DW1T1 LRC-LMUN5111DW1T1 Datasheet
321Kb / 12P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LDTA114EET1G LEIDITECH-LDTA114EET1G Datasheet
1Mb / 12P
   Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN2135LT1 LRC-LMUN2135LT1 Datasheet
81Kb / 4P
   Bias Resistor Transistors, PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
EMG2DXV5T1 ONSEMI-EMG2DXV5T1 Datasheet
69Kb / 7P
   Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005 ??Rev. 0
logo
Leshan Radio Company
LMUN5311DW1T1 LRC-LMUN5311DW1T1 Datasheet
424Kb / 29P
   Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
LMUN2237LT1 LRC-LMUN2237LT1 Datasheet
100Kb / 4P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
EMD4DXV6T1 ONSEMI-EMD4DXV6T1 Datasheet
65Kb / 5P
   Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005??Rev. 1
logo
AiT Semiconductor Inc.
DTA114EM AITSEMI-DTA114EM Datasheet
1Mb / 14P
   BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Shanghai Leiditech Elec...
LDTC114EET1G LEIDITECH-LDTC114EET1G Datasheet
1Mb / 9P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LDTA115EM3T5G LRC-LDTA115EM3T5G_15 Datasheet
143Kb / 11P
   PNP Silicon Surface Mount Transistors With Monolithic Bias Resistor Network
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com