Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD3500 Fiches technique(PDF) 3 Page - PerkinElmer Optoelectronics

No de pièce LD3500
Description  Low-Cost Digital Linescan Camera
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PERKINELMER [PerkinElmer Optoelectronics]
Site Internet  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

LD3500 Fiches technique(HTML) 3 Page - PerkinElmer Optoelectronics

  LD3500 Datasheet HTML 1Page - PerkinElmer Optoelectronics LD3500 Datasheet HTML 2Page - PerkinElmer Optoelectronics LD3500 Datasheet HTML 3Page - PerkinElmer Optoelectronics LD3500 Datasheet HTML 4Page - PerkinElmer Optoelectronics LD3500 Datasheet HTML 5Page - PerkinElmer Optoelectronics LD3500 Datasheet HTML 6Page - PerkinElmer Optoelectronics LD3500 Datasheet HTML 7Page - PerkinElmer Optoelectronics LD3500 Datasheet HTML 8Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Digital Linescan Camera
www.perkinelmer.com/opto
Input/Output Signal Specifications
(Continued)
Enable (LEN).
The Camera Clock (CCLK) operates at
either the MCLK frequency or default
camera frequency, and is synchronized to
the analog video. The output of the CCLK
signal can be used to capture digital video
data by a frame grabber or digitizer.
The Line Enable (LEN) signal brackets the
valid digital video. The signal becomes
high one CCLK period before the first valid
pixel and goes low one CCLK period before
the last valid pixel.
In all modes of operation on the LVDS
models, a single line delay is present due
to the necessity of storing all video data
into memory before the video is output.
Video Gain
The LD3500-series camera features an
adjustable video gain. This allows users
to amplify the video signals for individual
application needs. Photo Response Non-
Uniformity (PRNU) remains linear with
gain.
CameraLink Models:
Gain levels are set by serial
communication though the CameraLink
connector. Gain can be set from 0 to
24.5 dB in increments of 3.5 dB. Gain
settings are not lost when the camera is
powered down.
Parallel LVDS (RS-644) Models:
Gain levels are set by differential RS-644
gain control inputs on the camera
connector. The gain levels can be set at 1,
2, 4 and 8X full-scale gain, allowing the
user to easily configure the camera output
to suit their application needs. Gain
settings are not held after power down;
proper input signals must be given at
start-up, and held throughout operation
for gain settings to remain at desired
levels.
Data and Power Connectors
CameraLink Models:
The communications connector on the
LD3500-series camera is a 26-pin D-type
male connector, common to all CameraLink
applications. This 26-pin connector
contains all communications and controls
needed for camera operation. Power is
provided to the LD3500 via a 6 pin,
Hirose HR10A circular jack. Refer to Table
1a for pinout of the communications and
control connector. Figure 2 provides pinout
locations for this connector.
Figure 2. Connector Diagram
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
3M Connector MDR26 Position Plug
Recommended Cable: 3M14X26S2LB-XXX-OLC
1
19
18
36
Recommended Cable: 3M10136-6000EC series
Parallel LVDS
Connector: Hirose HR10A
Mating Part: Hirose HR10A-7P-6S
Figure 3. Power Connector Diagram
5
4
6
2
3
1
PDP-206.01B - 7/2002W Page 3
Pin
Signal
1
12-24VDC
2
12-24VDC
3
Do not connect
4
Do not connect
5
Ground
6
Ground
Table 2. Power Connector Pinout
Note:
The power connector and pinout are
common to all CameraLInk and Parallel
LVDS models


Numéro de pièce similaire - LD3500

FabricantNo de pièceFiches techniqueDescription
logo
Won-Top Electronics
LD3500 WTE-LD3500 Datasheet
24Kb / 2P
   35A 10mm LUCAS TYPE PRESS-FIT DIODE
LD3500 WTE-LD3500 Datasheet
29Kb / 2P
   35A LUCAS TYPE PRESS-FIT DIODE
LD3500 WTE-LD3500 Datasheet
32Kb / 2P
   35A LUCAS TYPE PRESS-FIT DIODE
LD3500 WTE-LD3500_06 Datasheet
29Kb / 2P
   35A LUCAS TYPE PRESS-FIT DIODE
LD3500 WTE-LD3500_14 Datasheet
32Kb / 2P
   35A LUCAS TYPE PRESS-FIT DIODE
More results

Description similaire - LD3500

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
VV6444 STMICROELECTRONICS-VV6444 Datasheet
352Kb / 60P
   Low Cost Digital Camera (LCDC) Chipset
logo
PerkinElmer Optoelectro...
LC3000 PERKINELMER-LC3000 Datasheet
94Kb / 8P
   High Performance, Low-Cost Analog Line Scan Camera
logo
NXP Semiconductors
SAA8122 PHILIPS-SAA8122 Datasheet
53Kb / 7P
   Digital Still Camera
1999 sep 01
logo
Zoran Corporation
ZR36470 ZORAN-ZR36470 Datasheet
81Kb / 2P
   Digital Camera Processor
logo
Samsung semiconductor
KS7301B SAMSUNG-KS7301B Datasheet
359Kb / 34P
   DIGITAL CAMERA PROCESSOR
logo
STMicroelectronics
STV0684 STMICROELECTRONICS-STV0684 Datasheet
487Kb / 49P
   Digital Camera Processor
logo
Samsung semiconductor
KS7306 SAMSUNG-KS7306 Datasheet
405Kb / 54P
   DIGITAL CAMERA PROCESSOR
logo
Hamamatsu Corporation
C4880-91 HAMAMATSU-C4880-91 Datasheet
98Kb / 2P
   Digital CCD Camera
C4880-50 HAMAMATSU-C4880-50 Datasheet
119Kb / 2P
   Digital CCD Camera
logo
Zoran Corporation
COACH10 ZORAN-COACH10 Datasheet
116Kb / 2P
   Digital Camera Processor
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com