Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA24 Fiches technique(PDF) 2 Page - Pan Jit International Inc.

No de pièce SA24
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SA24 Fiches technique(HTML) 2 Page - Pan Jit International Inc.

  SA24 Datasheet HTML 1Page - Pan Jit International Inc. SA24 Datasheet HTML 2Page - Pan Jit International Inc. SA24 Datasheet HTML 3Page - Pan Jit International Inc. SA24 Datasheet HTML 4Page - Pan Jit International Inc. SA24 Datasheet HTML 5Page - Pan Jit International Inc. SA24 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RATING AND CHARACTERISTIC CURVES SA5.0 THRU SA170CA
100
10
1.0
0.1
0.1
£gs
1.0
£gs
10
£gs
100
£gs
1.0ms
10ms
NON-REPETITIVE PULSE
WAVEFORM SHOWN IN
FIGURE 3 T
A = 25 ¢J
td, PULSE WIDTH, SEC
100
75
50
25
0
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE, ¢J
Fig. 1-PEAK PULSE POWER RATING CURVE
Fig. 2-PULSE DERATING CURVE
150
100
50
0
0
1.0
2.0
3.0
4.0
TA = 25¢J
Pulse Width(td) is Defined as the
Point Where the Peak Current
Decays to 50% of lpp
Peak Value Ippm
Half Value-Ipp
2
10/1000£gsec Waveform
as Defined by R.E.A.
e-kt
td
tf = 10£gsec
t, TIME , ms
Fig. 3-PULSE WAVEFORM
6,000
4,000
2,000
1,000
800
600
400
200
100
80
60
40
20
10
1.0
2.0
10
20
100
200
TJ = 25 ¢J
f = 1.0MHz
Vsig = 50mVp-p
MEASURED AT
ZERO BIAS
MEASURED AT
STAND-OFF
VOLTAGE(V
MW)
V(WM), REVERSE STAND-OFF VOLTAGE, VOLTS
Fig. 4-TYPICAL JUNCTION CAPACITANCE
UNIDIRECTIONAL
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
175
200
L = .375"(9.5mm)
40mm×40mm×1mm Cu
(1.58"×1.58"×0.40")
TL, LEAD TEMPERATURE, ¢J
200
100
50
0
1
10
50
100
T
J = TJ max
8.3ms SINGLE HALF SINE
WAVE JEDEC METHOD
NUMBER OF CYCLES AT 60Hz
Fig. 5-STEADY STATE POWER DERATING CURVE
Fig. 6-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT UNIDIRECTIONAL ONLY


Numéro de pièce similaire - SA24

FabricantNo de pièceFiches techniqueDescription
logo
Won-Top Electronics
SA24 WTE-SA24 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Chongqing Pingwei Enter...
SA24 CHONGQING-SA24 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
SA24 DAESAN-SA24 Datasheet
1Mb / 6P
   POWER 500Watts VOLTAGE 5.0 to 170 Volts
logo
Shenzhen Luguang Electr...
SA24 LUGUANG-SA24 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Bytes
SA24 BYTES-SA24 Datasheet
313Kb / 4P
   500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
More results

Description similaire - SA24

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
3KP PANJIT-3KP Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
StarHope
TVS-SA SPSEMI-TVS-SA Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 500 Watt Peak Pulse Power
logo
Leshan Radio Company
SA5.0 LRC-SA5.0 Datasheet
189Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts
logo
DB Lectro Inc
3KP DBLECTRO-3KP Datasheet
149Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 180 Volts 3000 watt Peak Pulse Power
logo
Surge Components
3KP SURGE-3KP Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
DB Lectro Inc
5KP DBLECTRO-5KP Datasheet
146Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 180 Volts 5000Watts Peak Pulse Power
logo
Formosa MS
3KP5.0 FORMOSA-3KP5.0 Datasheet
69Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts
logo
StarHope
TVS-5KP SPSEMI-TVS-5KP Datasheet
326Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 250 Volts 5000 Watt Peak Pulse Power
TVS-3KP SPSEMI-TVS-3KP Datasheet
322Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 220 Volts 3000 Watt Peak Pulse Power
logo
MDE Semiconductor, Inc.
SMLJ MDE-SMLJ Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com