Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD75NP-270KB Fiches technique(PDF) 5 Page - Sumida Corporation

No de pièce CD75NP-270KB
Description  CD75
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD75NP-270KB Fiches technique(HTML) 5 Page - Sumida Corporation

  CD75NP-270KB Datasheet HTML 1Page - Sumida Corporation CD75NP-270KB Datasheet HTML 2Page - Sumida Corporation CD75NP-270KB Datasheet HTML 3Page - Sumida Corporation CD75NP-270KB Datasheet HTML 4Page - Sumida Corporation CD75NP-270KB Datasheet HTML 5Page - Sumida Corporation CD75NP-270KB Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SPECIFICATION
TYPE
CD75
2-2.ELECTRICAL CHARACTERISTICS Ⅰ (IN THE CASE OF REEL)
NO.
PART NO.
STAMP
INDUCTANCE
[WITHIN]
※1
D.C.R.
(Ω)
[MAX.]
(at 20℃)
RATED
CURRENT
(A)
※2
S.R.F.
(MHz)
[TYP.]
SUMIDA
CODE
01
02
03
CD75NP-1ØØKC
CD75NP-12ØKC
CD75NP-15ØKC
100K
120K
150K
10μH±10%
12μH±10%
15μH±10%
0.07
0.08
0.09
2.3
2.0
1.8
28
23
22
4720-0205
4720-0206
4720-0207
04
05
06
CD75NP-18ØKC
CD75NP-22ØKC
CD75NP-27ØKC
180K
220K
270K
18μH±10%
22μH±10%
27μH±10%
0.10
0.11
0.12
1.6
1.5
1.3
20
17
15
4720-0208
4720-0209
4720-0210
07
08
09
CD75NP-33ØKC
CD75NP-39ØKC
CD75NP-47ØKC
330K
390K
470K
33μH±10%
39μH±10%
47μH±10%
0.13
0.16
0.18
1.2
1.1
1.1
15
14
13
4720-0211
4720-0212
4720-0214
10
11
12
CD75NP-56ØKC
CD75NP-68ØKC
CD75NP-82ØKC
560K
680K
820K
56μH±10%
68μH±10%
82μH±10%
0.24
0.28
0.37
0.94
0.85
0.78
11
11
10
4720-0215
4720-0216
4720-0217
13
14
15
CD75NP-1Ø1KC
CD75NP-121KC
CD75NP-151KC
101K
121K
151K
100μH±10%
120μH±10%
150μH±10%
0.43
0.47
0.64
0.72
0.66
0.58
9.2
7.7
6.1
4720-0218
4720-0219
4720-0220
16
17
18
CD75NP-181KC
CD75NP-221KC
CD75NP-271KC
181K
221K
271K
180μH±10%
220μH±10%
270μH±10%
0.71
0.96
1.11
0.51
0.49
0.42
5.8
5.2
4.8
4720-0221
4720-0222
4720-0223
19
20
21
CD75NP-331KC
CD75NP-391KC
CD75NP-471KC
331K
391K
471K
330μH±10%
390μH±10%
470μH±10%
1.26
1.77
1.96
0.40
0.36
0.34
4.3
4.3
3.8
4720-0225
4720-0226
4720-0227
※1:MEASURED FREQUENCY
10μH ∼ 82μH
at 2.52 MHz
100μH ∼470μH
at
1 kHz
※2:THIS INDICATES THE VALUE OF CURRENT WHEN THE INDUCTANCE IS 10% LOWER THAN ITS INITIAL VALUE
AT D.C. SUPERPOSITION OR D.C. CURRENT WHEN ΔT=40℃ WHICHEVER IS LOWER.(Ta=20℃)


Numéro de pièce similaire - CD75NP-270KB

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CD75NP-270KC SUMIDA-CD75NP-270KC Datasheet
239Kb / 5P
   SMD Power Inductor
More results

Description similaire - CD75NP-270KB

FabricantNo de pièceFiches techniqueDescription
logo
AIT Components Ltd.
CD75 AITCOMPONENTS-CD75 Datasheet
31Kb / 1P
   CD75 SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com