Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29LV640MT100 Fiches technique(PDF) 10 Page - SPANSION

No de pièce AM29LV640MT100
Description  64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit-TM 3.0 Volt-only Boot Sector Flash Memory
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

AM29LV640MT100 Fiches technique(HTML) 10 Page - SPANSION

Back Button AM29LV640MT100 Datasheet HTML 6Page - SPANSION AM29LV640MT100 Datasheet HTML 7Page - SPANSION AM29LV640MT100 Datasheet HTML 8Page - SPANSION AM29LV640MT100 Datasheet HTML 9Page - SPANSION AM29LV640MT100 Datasheet HTML 10Page - SPANSION AM29LV640MT100 Datasheet HTML 11Page - SPANSION AM29LV640MT100 Datasheet HTML 12Page - SPANSION AM29LV640MT100 Datasheet HTML 13Page - SPANSION AM29LV640MT100 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
8
Am29LV640MT/B
February 12, 2004
ADV ANCE
I N FO RMAT I O N
PIN DESCRIPTION
A21–A0
= 22 Address inputs
DQ14–DQ0 = 15 Data inputs/outputs
DQ15/A-1
= DQ15 (Data input/output, word mode),
A-1 (LSB Address input, byte mode)
CE#
= Chip Enable input
OE#
= Output Enable input
WE#
= Write Enable input
WP#/ACC
= Hardware Write Protect input/Pro-
gramming Acceleration input
RESET#
= Hardware Reset Pin input
RY/BY#
= Ready/Busy output
BYTE#
= Selects 8-bit or 16-bit mode
V
CC
= 3.0 volt-only single power supply
(see Product Selector Guide for
speed options and voltage
supply tolerances)
V
SS
= Device Ground
NC
= Pin Not Connected Internally
LOGIC SYMBOL
22
16 or 8
DQ15–DQ0
(A-1)
A21–A0
CE#
OE#
WE#
RESET#
RY/BY#
WP#/ACC
BYTE#


Numéro de pièce similaire - AM29LV640MT100

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM29LV640MT100EF AMD-AM29LV640MT100EF Datasheet
1Mb / 66P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
AM29LV640MT100EI AMD-AM29LV640MT100EI Datasheet
1Mb / 66P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
AM29LV640MT100PCF AMD-AM29LV640MT100PCF Datasheet
1Mb / 66P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
AM29LV640MT100PCI AMD-AM29LV640MT100PCI Datasheet
1Mb / 66P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
AM29LV640MT100REF AMD-AM29LV640MT100REF Datasheet
1Mb / 66P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
More results

Description similaire - AM29LV640MT100

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM29LV640MT AMD-AM29LV640MT Datasheet
1Mb / 66P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
AM29LV160M AMD-AM29LV160M_07 Datasheet
1Mb / 63P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit TM 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV320MT SPANSION-AM29LV320MT_07 Datasheet
1Mb / 63P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV320MT AMD-AM29LV320MT Datasheet
946Kb / 61P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
AM29LV160M AMD-AM29LV160M Datasheet
1Mb / 60P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL016M SPANSION-S29AL016M_06 Datasheet
1Mb / 62P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) 3.0 Volt-only Boot Sector Flash Memory Featuring MirrorBit??Technology
AM29LV640MH SPANSION-AM29LV640MH Datasheet
1Mb / 62P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
Advanced Micro Devices
AM29LV640MH AMD-AM29LV640MH Datasheet
1Mb / 62P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU Datasheet
1Mb / 58P
   64 Megabit (4 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with
logo
SPANSION
AM29LV320D SPANSION-AM29LV320D Datasheet
887Kb / 55P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com