Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC7580 Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce AMC7580
Description  7A LOW DROPOUT REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

AMC7580 Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AMC7580 Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC7580 Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC7580 Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC7580 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC7580 Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC7580 Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC7580 Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC7580 Datasheet HTML 9Page - List of Unclassifed Manufacturers AMC7580 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AMC DOC. #: AMC7580_E (LF)
AMC7580
Feb 2005
7A LOW DROPOUT REGULATOR
APPLICATION INFORMATION
General
The AMC7580 series is designed to power the new generation of microprocessors. It is designed to make use of
multiple power supplies, present in most systems, to reduce the dropout voltage. One of the advantages of the two-
supply approach is maximizing the efficiency.
The second supply is at least 1V greater than output voltage and is providing the power for the control circuitry and
supplies the drive current to the NPN output transistor. This allows the NPN output transistor to be driven into
saturation. For the control voltage the current requirement is small, about 1% of the output current or approximately
50 mA for a 7A load. This drive current becomes part of the output current. The maximum voltage on the Control
pin is 13 V. The maximum voltage at the Power pin is 7 V. By trying the control and power inputs together the
AMC7580 can also be operated as a single supply device. In single supply operation, the dropout voltage will be
determined by the minimum the Control voltage.
The new generation of microprocessors cycle load current from several hundred milliamperes to several amperes in
tens of nanoseconds. Output voltage tolerances are tighter and include transient response as part of the specification.
Designed to meet the fast current load step requirements of these microprocessors, the AMC7580-X.X also saves
total cost by needing less output capacitance to maintain regulation.
The sense pin permits very accurate regulation of output voltage. As a result, over an output current range of 100mA
to 7A, the typical load regulation is less than 1mV.
In addition to the enhancements mentioned, the reference accuracy has been improved a factor of two with a
guaranteed initial tolerance of
±1% at 25°C and 1.6% accuracy over the full temperature and load current range.
Typical applications for the AMC7580 include 3.3V to 2.5 V conversion with a 5V control supply, 5V to 4.2V
conversion with a 12V control supply or 5V to 3.6V conversion with a 12V control supply. It is easy to obtain
dropout voltages of less than 0.5V at 2.5A along with excellent static and dynamic specifications. The device is fully
protected against over current and over temperature conditions.
Grounding and Output Sensing
The AMC7580-ADJ allows true Kelvin sensing for both the high and low side of the load. As a result the voltage
regulation at the load can be easily optimized. Voltage drops due to parasitic resistances between the regulator and
the load can be placed inside the regulation loop. The advantages of remote sensing are illustrated in figures 1
through 3.
Figure 1 shows the device connected as a conventional 3 terminal regulator with the Sense lead connected directly to
the output of the device. Rp is the parasitic resistance of the connections between the device and the load. Trace A of
figure 3 illustrates the effect of Rp.
Figure 2 shows the device connected to take advantage of the remote sense feature. The Sense pin and the top of the
resistor divider are connected to the top of the load; the bottom of the resistor divider is connected to the bottom of
the load. The effect on output regulation can be seen in trace B of figure 3.
It is important to note that the voltage drops due to Rp are not eliminated; they will add to the dropout voltage of the
regulator regardless. TheAMC7580-ADJ can control the voltage at the load as long as the input-output voltage is
greater than the total of the dropout voltage of the device plus the voltage drop across Rp.
Copyright
© 2002, ADD Microtech Corp.
6
www.addmtek.com


Numéro de pièce similaire - AMC7580

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AMC7581 ETC-AMC7581 Datasheet
297Kb / 12P
   5A LOW DROPOUT REGULATOR
AMC7581-1.8 ETC-AMC7581-1.8 Datasheet
297Kb / 12P
   5A LOW DROPOUT REGULATOR
AMC7581-2.5 ETC-AMC7581-2.5 Datasheet
297Kb / 12P
   5A LOW DROPOUT REGULATOR
AMC7581-3.3 ETC-AMC7581-3.3 Datasheet
297Kb / 12P
   5A LOW DROPOUT REGULATOR
AMC7581-5.0 ETC-AMC7581-5.0 Datasheet
297Kb / 12P
   5A LOW DROPOUT REGULATOR
More results

Description similaire - AMC7580

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AMC7584 ETC1-AMC7584 Datasheet
344Kb / 7P
   7A LOW DROPOUT REGULATOR
logo
Linear Technology
LT1580-2.5 LINER-LT1580-2.5_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
LT1580 LINER-LT1580 Datasheet
308Kb / 16P
   7A, Very Low Dropout Regulator
LT1580 LINER-LT1580_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
logo
Global Mixed-mode Techn...
G977 GMT-G977 Datasheet
62Kb / 1P
   7A Low Dropout Regulator with Enable
logo
Advanced Power Electron...
APE8957 A-POWER-APE8957 Datasheet
326Kb / 6P
   7A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Microsemi Corporation
LX8580 MICROSEMI-LX8580 Datasheet
124Kb / 4P
   7A VERY LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Fairchild Semiconductor
RC1584 FAIRCHILD-RC1584 Datasheet
61Kb / 12P
   7A Adjustable/Fixed Low Dropout Linear Regulator
logo
Microsemi Corporation
LX8584X-XX MICROSEMI-LX8584X-XX Datasheet
271Kb / 9P
   7A Low Dropout Positive Regualtors
logo
Sipex Corporation
SPX1580 SIPEX-SPX1580 Datasheet
148Kb / 5P
   7A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com