Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M66503ASP Fiches technique(PDF) 6 Page - Mitsubishi Electric Semiconductor

No de pièce M66503ASP
Description  16-BIT CONSTANT CURRENT LED DRIVER with SHIFT REGISTER AND LATCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66503ASP Fiches technique(HTML) 6 Page - Mitsubishi Electric Semiconductor

  M66503ASP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M66503ASP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66503ASP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66503ASP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66503ASP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M66503ASP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M66503ASP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M66503ASP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
MITSUBISHI
〈DIGITAL ASSP〉
M66503ASP/AGP
16-BIT CONSTANT CURRENT LED DRIVER with SHIFT REGISTER AND LATCH
Symbol
tw
tsu(A)
tsu(LE)
th(A)
tr, tf
Parameter
CKS, LE pulse width
Address setup time to CKS
LE setup time to CKS
Address hold time to CKS
CKS rise and fall time
TIMING CONDITIONS (VCC=5V ± 10%, Ta=–20 ~ 85˚C)
Max.
2
Unit
ns
ns
ns
ns
µs
Typ.
Min.
30
20
40
10
Limits
Test conditions
(Note 6)
NOTE 6: TEST CIRCUIT
(1) Characteristics of pulse generator (PG)
Rise time
: tr = 6ns
Fall time
: tf = 6ns
Output impedance
: ZO =50
(2) Capacitance CL includes the stray capacitance of the lead
wires and the probe input capacitance.
VCC
VCC
RL=100
(2)
CL=50pF
Q0~15
(2)
CL=50pF
SQ15
RC=
360
50
lref
DUT
RC
(1)
P.G.
Input
Symbol
fmax
tPLZ
tPZL
tPLH
tPHL
tPLZ
tPZL
tPLZ
tPZL
tPLZ
tPZL
Parameter
Maximum frequency for repetitions
“L-H” and “Z-L” outputs
propagation time
“L-H” and “H-L” outputs
propagation time
“L-Z” and “Z-L” outputs
propagation time
“L-Z” and “Z-L” outputs
propagation time
“L-Z” and “Z-L” outputs
propagation time
SWITCHING CHARACTERISTICS (VCC=5V ± 10%, Ta=–20 ~ 85˚C)
Max.
250
250
250
250
250
250
250
250
250
250
Unit
MHz
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Typ.
Min.
5
Limits
Test conditions
CL=50pF
RL=100
(Note 6)
CKS–Q0~15(off)
CKS–Q0~15(on)
CKS–SQ15
LE–Q0~15(off)
LE–Q0~15(on)
OEA–Q0~15(off)
OEA–Q0~15(on)
OEB–Q0~15(off)
OEB–Q0~15(on)


Numéro de pièce similaire - M66503ASP

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M66500FP MITSUBISHI-M66500FP Datasheet
562Kb / 11P
   PROGRAMMABLE BUFFERED I/0 EXPANDER
M66500SP MITSUBISHI-M66500SP Datasheet
562Kb / 11P
   PROGRAMMABLE BUFFERED I/0 EXPANDER
More results

Description similaire - M66503ASP

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
TB62708N MARKTECH-TB62708N Datasheet
305Kb / 9P
   16 Bit Constant Current LED Source Driver with Shift Register and Latch Functions
TB62705CP MARKTECH-TB62705CP Datasheet
382Kb / 10P
   8 Bit Constant Current LED Driver with Shift Register and Latch Functions
logo
Renesas Technology Corp
M66310P RENESAS-M66310P Datasheet
169Kb / 10P
   16-Bit LED Driver with Shift Register and Latch
R8A66160DD RENESAS-R8A66160DD Datasheet
586Kb / 8P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
R8A66161DD RENESAS-R8A66161DD Datasheet
682Kb / 8P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
logo
Mitsubishi Electric Sem...
M66310P MITSUBISHI-M66310P Datasheet
221Kb / 5P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
M66311P MITSUBISHI-M66311P Datasheet
213Kb / 5P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH?
logo
Renesas Technology Corp
M66311P RENESAS-M66311P Datasheet
168Kb / 10P
   16-Bit LED Driver with Shift Register and Latch
logo
Panasonic Semiconductor
DN8667NS PANASONIC-DN8667NS Datasheet
49Kb / 5P
   8-Bit Shift Register Latch Constant Current Driver IC
logo
Renesas Technology Corp
R8A66162SP RENESAS-R8A66162SP Datasheet
476Kb / 8P
   32-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com