Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STD2640NL Fiches technique(PDF) 6 Page - SamHop Microelectronics Corp.

No de pièce STD2640NL
Description  N-Channel E nhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMHOP [SamHop Microelectronics Corp.]
Site Internet  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STD2640NL Fiches technique(HTML) 6 Page - SamHop Microelectronics Corp.

  STD2640NL Datasheet HTML 1Page - SamHop Microelectronics Corp. STD2640NL Datasheet HTML 2Page - SamHop Microelectronics Corp. STD2640NL Datasheet HTML 3Page - SamHop Microelectronics Corp. STD2640NL Datasheet HTML 4Page - SamHop Microelectronics Corp. STD2640NL Datasheet HTML 5Page - SamHop Microelectronics Corp. STD2640NL Datasheet HTML 6Page - SamHop Microelectronics Corp. STD2640NL Datasheet HTML 7Page - SamHop Microelectronics Corp. STD2640NL Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
S TU/D2640NL


Numéro de pièce similaire - STD2640NL

FabricantNo de pièceFiches techniqueDescription
logo
Visual Communications C...
STD260BLK VCC-STD260BLK Datasheet
67Kb / 1P
   STD
logo
STMicroelectronics
STD26NF10 STMICROELECTRONICS-STD26NF10 Datasheet
397Kb / 13P
   N-channel 100V - 0.033廓 - 25A - DPAK Low gate charge STripFET??II Power MOSFET
logo
VBsemi Electronics Co.,...
STD26NF10T4 VBSEMI-STD26NF10T4 Datasheet
983Kb / 8P
   N-Channel 100-V (D-S) MOSFET
logo
STMicroelectronics
STD26P3LLH6 STMICROELECTRONICS-STD26P3LLH6 Datasheet
987Kb / 16P
   Low gate input resistance
February 2014 Rev 5
More results

Description similaire - STD2640NL

FabricantNo de pièceFiches techniqueDescription
logo
SamHop Microelectronics...
SDM4800 SAMHOP-SDM4800 Datasheet
649Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
STM7096N SAMHOP-STM7096N Datasheet
701Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STS2300S SAMHOP-STS2300S Datasheet
820Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STS2306 SAMHOP-STS2306 Datasheet
646Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
SDU30N02 SAMHOP-SDU30N02 Datasheet
864Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
SDU3055L2 SAMHOP-SDU3055L2 Datasheet
859Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STU4530NL SAMHOP-STU4530NL Datasheet
770Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STC2200 SAMHOP-STC2200 Datasheet
712Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
STM9410A SAMHOP-STM9410A Datasheet
729Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
STS2302S SAMHOP-STS2302S Datasheet
806Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STS3402 SAMHOP-STS3402 Datasheet
718Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com