Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GBPC15005W Fiches technique(PDF) 2 Page - Pan Jit International Inc.

No de pièce GBPC15005W
Description  HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 15 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GBPC15005W Fiches technique(HTML) 2 Page - Pan Jit International Inc.

  GBPC15005W Datasheet HTML 1Page - Pan Jit International Inc. GBPC15005W Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
DATE : OCT.01.2002
CASE TEMPERATURE C
O
Fig. 1- OUTPUT CURRENT VS.CASE TEMPERATURE
RESISTIVE OR INDUCTIVE LOAD T =150
J
OC
0.6
0.8
1.0
1.2
1.6
1.4
2.0
1.8
1000
100
10
1.0
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig. 2- TYPICAL INSTANTANEOUS
FORWARDCHARACTERISITCS
AT T =25
J
OC
10
5
0
60
80
100
120
140
160
25
20
15
30
25
35
60
80
100
120
140
160
180
25
10
5
20
15
30
25
35
AMBIENT TEMPERATURE, T
C
A
O
Fig. 3- OUTPUT CURRENT VS.
TEMPERATURE
RESISTIVE OR INDUCTIVE LOAD
BRIDGE MOUNTED ON A 8" x 8" ALUMINUM PLATE 25"THICK
AMBIENT
5
015
10
25
20
35
30
4
6
8
10
20
40
30
50
70
80
100
AVERGE OUTPUT CURRENT,AMPERES
Fig. 4- POWER DISSIPATION VS.AVERAGE OUTPUT
CURRENT RESISTIVE OR INDUCTIVE LOAD
TJ=150 C
O
0.1
RATING AND CHARACTERISTIC CURVES


Numéro de pièce similaire - GBPC15005W

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
GBPC15005W DIODES-GBPC15005W Datasheet
65Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21208 Rev. G-2
GBPC15005W DIODES-GBPC15005W Datasheet
177Kb / 3P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21208 Rev. 9 - 2
logo
GeneSiC Semiconductor, ...
GBPC15005W GENESIC-GBPC15005W Datasheet
362Kb / 4P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
DIYI Electronic Technol...
GBPC15005W DYELEC-GBPC15005W Datasheet
2Mb / 2P
   SINGLE PHASE 15.0 AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
Kingtronics Internation...
GBPC15005W KINGTRONICS-GBPC15005W Datasheet
374Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 15 Ampere
More results

Description similaire - GBPC15005W

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
GBPC15005 PANJIT-GBPC15005 Datasheet
39Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 15 Amperes)
GBPC35005 PANJIT-GBPC35005 Datasheet
38Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 35 Amperes)
GBPC25005 PANJIT-GBPC25005 Datasheet
38Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 25 Amperes)
CP2500 PANJIT-CP2500 Datasheet
68Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes)
CP1500 PANJIT-CP1500 Datasheet
41Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 15 Amperes)
logo
Transys Electronics
GL1500 TRSYS-GL1500 Datasheet
155Kb / 2P
   IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes)
logo
Pan Jit International I...
GL1500 PANJIT-GL1500 Datasheet
46Kb / 2P
   IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes)
CM1500 PANJIT-CM1500 Datasheet
36Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 1000 Volts CURRENT - 15 Amperes)
CM1500W PANJIT-CM1500W Datasheet
40Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 1000 Volts CURRENT - 15 Amperes)
CM1000 PANJIT-CM1000 Datasheet
65Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 10 to 35 Amperes)
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com