Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES1B Fiches technique(PDF) 1 Page - Pan Jit International Inc.

No de pièce ES1B
Description  SURFACE MOUNT SUPERFAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ES1B Fiches technique(HTML) 1 Page - Pan Jit International Inc.

  ES1B Datasheet HTML 1Page - Pan Jit International Inc. ES1B Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES1A THRU ES1J
SURFACE MOUNT SUPERFAST RECTIFIER
VOLTAGE - 50 to 600 Volts
CURRENT - 1.0 Ampere
FEATURES
l
For surface mounted applications
l
Low profile package
l
Built-in strain relief
l
Easy pick and place
l
Superfast recovery times for high efficiency
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
l
Glass passivated junction
l
High temperature soldering:
260 ¢J /10 seconds at terminals
MECHANICAL DATA
Case: JEDEC DO-214AC molded plastic
Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity: Indicated by cathode band
Standard packaging: 12mm tape (EIA-481)
Weight: 0.002 ounce, 0.064 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ¢J ambient temperature unless otherwise specified.
Single phase, half wave 60Hz resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOLS
ES1A ES1B ES1C ES1D ES1E ES1G ES1J UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
Volts
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
Volts
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
Volts
Maximum Average Forward Rectified Current,
at TL=120 ¢J
I(AV)
1.0
Amps
Peak Forward Surge Current 8.3ms single half sine-
wave superimposed on rated load(JEDEC method)
IFSM
30.0
Amps
Maximum Instantaneous Forward Voltage at 1.0A
VF
0.95
1.25
1.7
Volts
Maximum DC Reverse Current TA=25 ¢J
At Rated DC Blocking Voltage TA=100 ¢J
IR
5.0
100
£g A
Maximum Reverse Recovery Time (Note 1)
TRR
35.0
nS
Typical Junction capacitance (Note 2)
CJ
10.0
PF
Typical Thermal Resistance
(Note 3)
R £KJL
35
¢J /W
Operating and Storage Temperature Range
TJ,TSTG
-50 to +150
¢J
NOTES:
1.
Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, Irr=0.25A
2.
Measured at 1 MHz and Applied reverse voltage of 4.0 volts
3.
8.0mm
2 (.013mm thick) land areas
SMA/DO-214AC


Numéro de pièce similaire - ES1B

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
ES1B PHILIPS-ES1B Datasheet
59Kb / 12P
   SMA ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
logo
Shunye Enterprise
ES1B SHUNYE-ES1B Datasheet
234Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diotech Company.
ES1B DIOTECH-ES1B Datasheet
838Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
RFE international
ES1B RFE-ES1B Datasheet
1Mb / 3P
   Surface Mount Super Fast Recifier Diodes ES1A Through ES1K
08-12-2020
logo
Micro Commercial Compon...
ES1B MCC-ES1B Datasheet
363Kb / 3P
   1 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results

Description similaire - ES1B

FabricantNo de pièceFiches techniqueDescription
logo
Transys Electronics
ER2A TRSYS-ER2A Datasheet
162Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Pan Jit International I...
ER1AF PANJIT-ER1AF Datasheet
369Kb / 6P
   SURFACE MOUNT SUPERFAST RECTIFIER
ES1DF-AU PANJIT-ES1DF-AU Datasheet
115Kb / 5P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
PACELEADER INDUSTRIAL
ES1AB PACELEADER-ES1AB Datasheet
133Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
First Silicon Co., Ltd
ES1AF FS-ES1AF Datasheet
405Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Transys Electronics
ER1A TRSYS-ER1A Datasheet
248Kb / 3P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
PACELEADER INDUSTRIAL
ES2A PACELEADER-ES2A Datasheet
146Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Pan Jit International I...
ES1AF PANJIT-ES1AF Datasheet
269Kb / 4P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
PACELEADER INDUSTRIAL
ES3AC PACELEADER-ES3AC Datasheet
141Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
ES2A YIXIN-ES2A_08 Datasheet
226Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
ES1A YIXIN-ES1A Datasheet
172Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com