Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MRD520A Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce MRD520A
Description  1.2um CMOS integrated circuit for purpose of amplification
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

MRD520A Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  MRD520A Datasheet HTML 1Page - List of Unclassifed Manufacturers MRD520A Datasheet HTML 2Page - List of Unclassifed Manufacturers MRD520A Datasheet HTML 3Page - List of Unclassifed Manufacturers MRD520A Datasheet HTML 4Page - List of Unclassifed Manufacturers MRD520A Datasheet HTML 5Page - List of Unclassifed Manufacturers MRD520A Datasheet HTML 6Page - List of Unclassifed Manufacturers MRD520A Datasheet HTML 7Page - List of Unclassifed Manufacturers MRD520A Datasheet HTML 8Page - List of Unclassifed Manufacturers MRD520A Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Uniform Industrial Corp.
MRD520A
Dual Channel F2F Decoder IC
Page :
October, 1997
3
5. FUNCTION DESCRIPTION
Data signal inputs read from a magnetic card via a magnetic head are fed into the SEN1P
and SEN1N (SEN2P and SEN2N) pins, amplified and wave shaped by internal analog
circuitry, then converted to logic level F2F data format. Once the F2F signals are detected,
the decoding logic ignores the leading 4 or 8 bits (set by IBS pin), via the ignored bits the
reference bit length is determined. The succeeding inputs are identified as bit 0 or 1 by
the average bit length of preceding two bits, if the data toggles before 70% of the
reference bit length then the data is identified as a “1” bit and the next data toggle regarded
as the beginning of next data bit. If the data toggles after 70% of the reference bit length
then the data is identified as a “0” bit and the current data toggle is as the beginning of next
data.
After the ignored bits, then pin CLS will be pulled low, the succeeding data bit will be shifted
out after the beginning of next data bit.
The pin OCK1 (OCK2) will be pulled low after the next data is detected and a 12uS delay
inserted, it will be kept low for 14 to 60uS depending on the external resistor connected to
pin ADJ1 (ADJ2).
If the next bit comes before OCK1 (OCK2) goes high, then OCK1
(OCK2) will be forced to pull high and then begins next cycle, it means that the data signals
will be ready before OCK1 (OCK2) goes low and stay valid till 12uS before next down edge
of OCK1 (OCK2).


Numéro de pièce similaire - MRD520A

FabricantNo de pièceFiches techniqueDescription
logo
Eldeco Srl
MRD52-L ELDECO-MRD52-L Datasheet
527Kb / 1P
   Standard : UL - IEC 300V - 250V 10A - 18A
MRD52-R ELDECO-MRD52-R Datasheet
525Kb / 1P
   Standard : UL - IEC 300V - 250V 10A - 18A
More results

Description similaire - MRD520A

FabricantNo de pièceFiches techniqueDescription
logo
IMP, Inc
C1226 IMP-C1226 Datasheet
42Kb / 2P
   CMOS 1.2um 100V CMOS, Double Metal - Double Poly
logo
Renesas Technology Corp
UPD5715GR RENESAS-UPD5715GR Datasheet
344Kb / 16P
   CMOS INTEGRATED CIRCUIT
2006
logo
Samsung semiconductor
KS9282B SAMSUNG-KS9282B Datasheet
603Kb / 29P
   CMOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD5738T6N RENESAS-UPD5738T6N Datasheet
254Kb / 13P
   CMOS INTEGRATED CIRCUIT
2009
logo
Samsung semiconductor
KS9211 SAMSUNG-KS9211 Datasheet
1Mb / 29P
   CMOS INTEGRATED CIRCUIT
KS5851 SAMSUNG-KS5851 Datasheet
315Kb / 6P
   CMOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD5716GR RENESAS-UPD5716GR Datasheet
302Kb / 16P
   CMOS INTEGRATED CIRCUIT
2006
UPD5720K RENESAS-UPD5720K Datasheet
936Kb / 37P
   CMOS INTEGRATED CIRCUIT
2009
logo
NTE Electronics
NTE15030 NTE-NTE15030 Datasheet
22Kb / 3P
   Integrated Circuit CMOS, Color Processing Circuit for VCR
logo
Samsung semiconductor
KS9210 SAMSUNG-KS9210 Datasheet
1Mb / 28P
   CMOS INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com