Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MRD520A Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce MRD520A
Description  1.2um CMOS integrated circuit for purpose of amplification
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

MRD520A Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  MRD520A Datasheet HTML 1Page - List of Unclassifed Manufacturers MRD520A Datasheet HTML 2Page - List of Unclassifed Manufacturers MRD520A Datasheet HTML 3Page - List of Unclassifed Manufacturers MRD520A Datasheet HTML 4Page - List of Unclassifed Manufacturers MRD520A Datasheet HTML 5Page - List of Unclassifed Manufacturers MRD520A Datasheet HTML 6Page - List of Unclassifed Manufacturers MRD520A Datasheet HTML 7Page - List of Unclassifed Manufacturers MRD520A Datasheet HTML 8Page - List of Unclassifed Manufacturers MRD520A Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Uniform Industrial Corp.
MRD520A
Dual Channel F2F Decoder IC
Page :
October, 1997
2
4. PIN DESCRIPTION
1
GND
2
SEN1N
Input from magnetic head
3
SEN1P
Input from magnetic head
4
OP1OUT
Amplifier OP1 output
5
OP2NIN
Amplifier OP2 - input
6
OP2OUT
Amplifier OP2 output
7
OP3OUT
Amplifier OP3 output
8
OP6OUT
Amplifier OP6 output
9
OP5OUT
Amplifier OP5 output
10
OP5NIN
Amplifier OP5 - input
11
OP4OUT
Amplifier OP4 output
12
SEN2P
Amplifier OP4 + input
13
SEN2N
Amplifier OP4 - input
14
VREFIN
Reference voltage for analog signal processing
15
VDD
16
ADJ2
Adjust read out clock pulse width for F2F channel 2
17
OUT2
Positive read out data for F2F channel 2
18
OUT2X
Negative read out data for F2F channel 2
19
OCK2
Negative read out clock for F2F channel 2
20
OSCI
RC oscillator input
21
OSCO
RC oscillator output
22
IBS
Select ignore leading bit, “LOW” for 4 bits and “HIGH” for 8 bits
23
OCK1
Negative read out clock for F2F channel 1
24
OUT1X
Negative read out data for F2F channel 1
25
OUT1
Positive read out data for F2F channel 1
26
CLS
Card Loading Signal output, “LOW” after ignore bits,
“HIGH” if no input for around 12.5mS
27
ADJ1
Adjust read out clock pulse width for F2F channel 1
28
RES
Power on reset, LOW reset the logic circuit and enter idle mode.
Approx. 10mS after HIGH level to normal function


Numéro de pièce similaire - MRD520A

FabricantNo de pièceFiches techniqueDescription
logo
Eldeco Srl
MRD52-L ELDECO-MRD52-L Datasheet
527Kb / 1P
   Standard : UL - IEC 300V - 250V 10A - 18A
MRD52-R ELDECO-MRD52-R Datasheet
525Kb / 1P
   Standard : UL - IEC 300V - 250V 10A - 18A
More results

Description similaire - MRD520A

FabricantNo de pièceFiches techniqueDescription
logo
IMP, Inc
C1226 IMP-C1226 Datasheet
42Kb / 2P
   CMOS 1.2um 100V CMOS, Double Metal - Double Poly
logo
Renesas Technology Corp
UPD5715GR RENESAS-UPD5715GR Datasheet
344Kb / 16P
   CMOS INTEGRATED CIRCUIT
2006
logo
Samsung semiconductor
KS9282B SAMSUNG-KS9282B Datasheet
603Kb / 29P
   CMOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD5738T6N RENESAS-UPD5738T6N Datasheet
254Kb / 13P
   CMOS INTEGRATED CIRCUIT
2009
logo
Samsung semiconductor
KS9211 SAMSUNG-KS9211 Datasheet
1Mb / 29P
   CMOS INTEGRATED CIRCUIT
KS5851 SAMSUNG-KS5851 Datasheet
315Kb / 6P
   CMOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD5716GR RENESAS-UPD5716GR Datasheet
302Kb / 16P
   CMOS INTEGRATED CIRCUIT
2006
UPD5720K RENESAS-UPD5720K Datasheet
936Kb / 37P
   CMOS INTEGRATED CIRCUIT
2009
logo
NTE Electronics
NTE15030 NTE-NTE15030 Datasheet
22Kb / 3P
   Integrated Circuit CMOS, Color Processing Circuit for VCR
logo
Samsung semiconductor
KS9210 SAMSUNG-KS9210 Datasheet
1Mb / 28P
   CMOS INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com