Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC13180 Fiches technique(PDF) 3 Page - Motorola, Inc

No de pièce MC13180
Description  2.4 GHz Low Power Wireless Transceiver IC for Bluetooth??Applications
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13180 Fiches technique(HTML) 3 Page - Motorola, Inc

  MC13180 Datasheet HTML 1Page - Motorola, Inc MC13180 Datasheet HTML 2Page - Motorola, Inc MC13180 Datasheet HTML 3Page - Motorola, Inc MC13180 Datasheet HTML 4Page - Motorola, Inc MC13180 Datasheet HTML 5Page - Motorola, Inc MC13180 Datasheet HTML 6Page - Motorola, Inc MC13180 Datasheet HTML 7Page - Motorola, Inc MC13180 Datasheet HTML 8Page - Motorola, Inc MC13180 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
MOTOROLA
MC13180 Product Preview
3
Figure 2. Device Pinout
LUT
Ref Osc
DC
PLL/VCO
Test MUX
RSSI
Frac-N
PRE
CP
D/A
A/D
D/A
GNDLNA
RFIN
GNDLNA
EPAEN
VCCPA
PA+
GNDPA
PA-
GPO
EPADAC
TIN+
TIN-
VSS
VDD
VDDINT
RES
CE
SDATA
SCK
CLK
FS
RFDATA
RTXEN
VCCDC
VCC
VCC
VCC
VCC
VCC
VCC
VDD
VCC
VCC
VCC
VCC
PA
PA
Buff
LNA
PMA
T/R
High/Low IR Mixer
A/D
LPF
Main
VCO
LC
LC
SPI
SPI
SPI
LC
H/L Select
from SPI
Ramp
Generator
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37


Numéro de pièce similaire - MC13180

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC13181 MOTOROLA-MC13181 Datasheet
213Kb / 18P
   Wireless Power Management Integrated Circuit
MC13181R2 MOTOROLA-MC13181R2 Datasheet
213Kb / 18P
   Wireless Power Management Integrated Circuit
More results

Description similaire - MC13180

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
NXH3670UK NXP-NXH3670UK Datasheet
366Kb / 45P
   Ultra-low power 2.4 GHz Bluetooth Low Energy transceiver for audio streaming
Rev. 3.2-13 December 2019
logo
Texas Instruments
CC2540T TI-CC2540T_15 Datasheet
1,014Kb / 37P
[Old version datasheet]   SimpleLink CC2540T 2.4-GHz Bluetooth Low Energy Wireless MCU
logo
Infineon Technologies A...
PMB6625 INFINEON-PMB6625 Datasheet
33Kb / 1P
   Transceiver for Bluetooth FH-SS 2.4 GHz Systems
01.01
logo
Pulse A Technitrol Comp...
W1027 PULSE-W1027 Datasheet
213Kb / 2P
   Wireless External Antenna for 2.4 GHz Applications
W1038M PULSE-W1038M Datasheet
660Kb / 8P
   Wireless External Antenna for 2.4 GHz Applications
W1030 PULSE-W1030 Datasheet
1Mb / 2P
   Wireless External Antenna for 2.4 GHz Applications
W1038 PULSE-W1038 Datasheet
774Kb / 2P
   Wireless External Antenna for 2.4 GHz Applications
W1038X PULSE-W1038X Datasheet
936Kb / 10P
   Wireless External Antenna for 2.4 GHz Applications
W1038 PULSE-W1038_17 Datasheet
660Kb / 8P
   Wireless External Antenna for 2.4 GHz Applications
logo
ATMEL Corporation
AT86RF231-ZU ATMEL-AT86RF231-ZU_09 Datasheet
4Mb / 198P
   Low Power 2.4 GHz Transceiver for ZigBee
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com