Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LX1701CLQ Fiches technique(PDF) 2 Page - Microsemi Corporation

No de pièce LX1701CLQ
Description  2W Filterless Mono Class-D Audio Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1701CLQ Fiches technique(HTML) 2 Page - Microsemi Corporation

  LX1701CLQ Datasheet HTML 1Page - Microsemi Corporation LX1701CLQ Datasheet HTML 2Page - Microsemi Corporation LX1701CLQ Datasheet HTML 3Page - Microsemi Corporation LX1701CLQ Datasheet HTML 4Page - Microsemi Corporation LX1701CLQ Datasheet HTML 5Page - Microsemi Corporation LX1701CLQ Datasheet HTML 6Page - Microsemi Corporation LX1701CLQ Datasheet HTML 7Page - Microsemi Corporation LX1701CLQ Datasheet HTML 8Page - Microsemi Corporation LX1701CLQ Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LX1701
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove CA. 92841 714-898-8121, FAX 714-893-2570
Page 2
2W Filterless Mono Class-D Audio Amplifier
Copyright
© 2004
Rev. 1.0a, 2004-07-09
TM
®
ABSOLUTE MAXIMUM RATINGS
Positive Supply Voltage (VDD, PVDD)............................................. -0.3 to 7.0V
Operating Temperature ..................................................................-40°C to +85°C
Maximum Operating Junction Temperature ................................................ 150°C
Storage Temperature......................................................................-65°C to 150°C
Lead Temperature (Soldering, 10 seconds) ................................................ 300°C
Package Peak Temp for Solder Reflow(40 second maximum exposure)...... 250°C (+5, -0)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal
.
TH ERMAL DATA
LQ Plastic Micro Lead Quad Package 16-Pin
THERMAL RESISTANCE
-JUNCTION TO CASE,
θJC
3.22
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θJA
38.1
°C/W
Junction Temperature Calculation: TJ = TA + (PD x
θJA).
The
θJA numbers are guidelines for the thermal performance of the device/pc-board system. All of the
above assume no ambient airflow.
Thermal Test Board: JESD5-7 (Leaded Surface Mount Package)
PACKAGE PIN OUT
12
34
5
6
7
8
9
10
11
12
13
14
15
16
VDD
3LEL
VSS
PVSS
PVSS
VSS
EN
BW_SEL
LQ PACKAGE
(Top View)
Pb-free 100% Matte Tin Finish
FUNCTIONAL PIN DESCRIPTION
Name
Description
OUTN
Negative Audio (PWM) Output
PVDD
Positive Supply to Negative Output Stage
PVDD
Positive Supply to Positive Output Stage
OUTP
Positive Audio (PWM) Output
PVSS
Negative Supply to Positive Output Stage (ground)
VSS
Negative Supply to Analog Stage (ground)
EN
Enable Pin, Active High.
BW_SEL
Bandwidth Selection Pin:
VDD 300Hz HP filter
VSS No HP (< 20Hz)
GAIN
Gain Selection Pin:
Tied to VDD Gain = 14dB
Tied to VSS Gain = 8dB
VINN
Negative Audio Input
VINP
Positive Audio Input
TOVL
Thermal Overload Indicator Output, Active HIGH.
VDD
Analog Positive Power Supply
3LVL
Three Level Modulation Selection Pin:
Tied to VSS 2 LEVEL PWM Modulation Scheme, +PVDD | -PVDD;
Tied to VDD 3 LEVEL PWM Modulation Scheme, +PVDD | PVSS | -PVDD;
VSS
Negative Power Supply to Analog Stage
PVSS
Negative Supply to Negative Output Stage (ground)


Numéro de pièce similaire - LX1701CLQ

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
LX1701 MICROSEMI-LX1701 Datasheet
454Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
LX1701 MICROSEMI-LX1701_05 Datasheet
454Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
More results

Description similaire - LX1701CLQ

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
LX1701 MICROSEMI-LX1701_05 Datasheet
454Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
   Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8003 PAM-PAM8003 Datasheet
62Kb / 1P
   Filterless 2W Class-D Stereo Audio Amplifier
logo
Analog Devices
SSM2306 AD-SSM2306_16 Datasheet
416Kb / 16P
   2W, Filterless, Class-D Stereo Audio Amplifier
logo
Lowpower Semiconductor ...
LPA2010 POWER-LPA2010 Datasheet
543Kb / 9P
   Filterless 3W Class- D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8302A DIODES-PAM8302A Datasheet
595Kb / 13P
   2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Lowpower Semiconductor ...
LPA2110 POWER-LPA2110 Datasheet
480Kb / 10P
   Filterless 30W Class D Mono Audio Amplifier
logo
Power Analog Micoelectr...
PAM8302A PAM-PAM8302A_13 Datasheet
515Kb / 15P
   2.5W Filterless Class-D Mono Audio Amplifier
PAM8302A PAM-PAM8302A Datasheet
227Kb / 14P
   2.5W Filterless Class-D Mono Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com