Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STB3055L2 Fiches technique(PDF) 7 Page - SamHop Microelectronics Corp.

No de pièce STB3055L2
Description  N-Channel Logic Level E nhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMHOP [SamHop Microelectronics Corp.]
Site Internet  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STB3055L2 Fiches technique(HTML) 7 Page - SamHop Microelectronics Corp.

  STB3055L2 Datasheet HTML 1Page - SamHop Microelectronics Corp. STB3055L2 Datasheet HTML 2Page - SamHop Microelectronics Corp. STB3055L2 Datasheet HTML 3Page - SamHop Microelectronics Corp. STB3055L2 Datasheet HTML 4Page - SamHop Microelectronics Corp. STB3055L2 Datasheet HTML 5Page - SamHop Microelectronics Corp. STB3055L2 Datasheet HTML 6Page - SamHop Microelectronics Corp. STB3055L2 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TO-263
TO-263 Carrier Tape
TO-263 Reel
Tape and Reel Data
UNIT:㎜
PACKAGE
TO-252
(16 ㎜)
A0
B0
K0
D0
D1
E
E1
E2
P0
P1
P2
T
6.80
±
0.1
10.3
±
0.1
2.50
±
0.1
ψ
2
ψ
1.5
+ 0.1
- 0
16.0
0.3±
1.75
0.1±
7.5
±
0.15
8.0
±
0.1
4.0
±
0.1
2.0
±
0.15
0.3
±
0.05
UNIT:㎜
TAPE SIZE
16 ㎜
REEL SIZE
ψ
330
M
N
W
T
H
K
S
G
R
V
ψ
330
±
0.5
ψ
97
±
1.0
17.0
+ 1.5
- 0
2.2
ψ
13.0
+ 0.5
- 0.2
10.6
2.0
±
0.5
S
7
S T P /B 3055L2


Numéro de pièce similaire - STB3055L2

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STB300NH02L STMICROELECTRONICS-STB300NH02L Datasheet
474Kb / 14P
   N-channel 24V - 120A - TO-220 / D2PAK STripFET TM Power MOSFET
STB300NH02L STMICROELECTRONICS-STB300NH02L Datasheet
329Kb / 14P
   N-channel 24V - 120A - TO-220 / D2PAK STripFET??Power MOSFET
STB300NH02L_0709 STMICROELECTRONICS-STB300NH02L_0709 Datasheet
329Kb / 14P
   N-channel 24V - 120A - TO-220 / D2PAK STripFET??Power MOSFET
logo
Sangdest Microelectroni...
STB30100 SMC-STB30100 Datasheet
113Kb / 6P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
STB30100 SMCDIODE-STB30100 Datasheet
361Kb / 7P
   SCHOTTKY RECTIFIER
Rev. C
More results

Description similaire - STB3055L2

FabricantNo de pièceFiches techniqueDescription
logo
SamHop Microelectronics...
STU3030NLS SAMHOP-STU3030NLS Datasheet
825Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU3525NL SAMHOP-STU3525NL Datasheet
888Kb / 8P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
SDP75N03L SAMHOP-SDP75N03L Datasheet
494Kb / 6P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
SDP85N03L SAMHOP-SDP85N03L Datasheet
533Kb / 6P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU6025NLS SAMHOP-STU6025NLS Datasheet
790Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU4530NLS SAMHOP-STU4530NLS Datasheet
944Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU5025NLS SAMHOP-STU5025NLS Datasheet
791Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU6025NL SAMHOP-STU6025NL Datasheet
874Kb / 8P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU3030NL SAMHOP-STU3030NL Datasheet
826Kb / 8P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU3525NLS SAMHOP-STU3525NLS Datasheet
850Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com