Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM6802AB Fiches technique(PDF) 5 Page - Nippon Precision Circuits Inc

No de pièce SM6802AB
Description  Class-D Stereo Amplifier for Portable Device
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NPC [Nippon Precision Circuits Inc]
Site Internet  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6802AB Fiches technique(HTML) 5 Page - Nippon Precision Circuits Inc

  SM6802AB Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6802AB Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6802AB Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6802AB Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6802AB Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6802AB Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6802AB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6802AB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6802AB Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SM6802A
NIPPON PRECISION CIRCUITS INC.—5
AC Analog Characteristics
VDD1 = VDD2 = VDD3 = 3.6V, VSS1 = VSS2 = 0V, 0.708Vrms analog input amplitude, 1kHz input signal
frequency, Ta = 25
°C, "Measurement Block Diagram", "Measurement Conditions", "Measurement Circuit",
DRCN = PDWN = MUTEN = HIGH, unless otherwise noted.
Analog Input Characteristics (LIN, RIN)
Analog Output Characteristics (LOUTP, LOUTN, ROUTP, ROUTN)
Note 1. Cross-channel leakage signal with standard voltage input on one channel only.
Note 2. DRCN = HIGH, 217Hz ripple frequency, 0.2Vrms ripple amplitude on VDD1/VDD2, input and VREF1 connected by 600
Ω.
Reference Voltage Characteristics (VREF1)
Parameter
Symbol
Conditions
Rating
Unit
min
typ
max
Reference input amplitude 1
VAI1
PO = 0.25W
0.708
Vrms
Reference input amplitude 2
VAI2
PO = 0.05W
0.142
Vrms
Input resistance
RIN
42
60
78
k
Input clipping voltage
VCLP
PO = 0.5W
0.7
1
1.3
Vrms
Parameter
Symbol
Conditions
Rating
Unit
min
typ
max
Voltage gain 1
A1
DRCN = HIGH,
input amplitude = 0.1Vrms
4.0
6.0
8.0
dB
Voltage gain 2
A2
DRCN = LOW,
input amplitude = 0.05Vrms
13.0
15.0
17.0
dB
Residual noise voltage
VNS
DRCN = HIGH,
input and VREF1 connected by 600
78
120
µVrms
Total harmonic distortion
+ noise
THD
+ NPO = 0.2W, reference input amplitude 1
0.4
1.0
%
Channel crosstalk
CC
(Note 1)
–60.0
–70.0
dB
Maximum output power
POMAX
Output power when THD = 10%
0.6
0.7
0.8
W
Mute-mode output voltage
VMUTE
Output power when MUTEN = LOW
–90.0
–110
dBV
HIGH-level output voltage
VOH
VDDP
– 0.2
VDDP
– 0.02
VDDP
+ 0.2
V
LOW-level output voltage
VOL
0
0.02
0.2
V
Efficiency
EEF
Maximum output power conditions
80
83
%
Ripple rejection ratio 1
PSRR1
(Note 2)
–65
dB
Parameter
Symbol
Rating
Unit
min
typ
max
Reference output voltage 1
VREF1
0.45VDDS
0.5VDDS
0.55VDDS
V


Numéro de pièce similaire - SM6802AB

FabricantNo de pièceFiches techniqueDescription
logo
SamHop Microelectronics...
SM6802 SAMHOP-SM6802 Datasheet
231Kb / 13P
   WHITE / BLUE LED DRIVER FOR LI- ION BATTERY APPLICATION
SM6802G SAMHOP-SM6802G Datasheet
231Kb / 13P
   WHITE / BLUE LED DRIVER FOR LI- ION BATTERY APPLICATION
SM6802L SAMHOP-SM6802L Datasheet
231Kb / 13P
   WHITE / BLUE LED DRIVER FOR LI- ION BATTERY APPLICATION
More results

Description similaire - SM6802AB

FabricantNo de pièceFiches techniqueDescription
logo
Nippon Precision Circui...
SM6801A NPC-SM6801A Datasheet
213Kb / 16P
   Class-D Mono Amplifier for Portable Device
logo
Rohm
BD5421EFS ROHM-BD5421EFS Datasheet
349Kb / 6P
   Stereo Class-D Power Amplifier for Speaker
logo
Maxim Integrated Produc...
MAX98306_1108 MAXIM-MAX98306_1108 Datasheet
2Mb / 14P
   Stereo 3.7W Class D Amplifier
Rev 1; 8/11
logo
NXP Semiconductors
TFA9879 PHILIPS-TFA9879_15 Datasheet
1Mb / 60P
   Mono BTL class-D audio amplifier for portable applications
Rev. 02-15 October 2010
logo
Microsemi Corporation
LX1722 MICROSEMI-LX1722 Datasheet
367Kb / 14P
   Class-D Stereo Power Amplifier Controller
logo
Analog Devices
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
   Filterless, Stereo, Class-D Audio Amplifier
logo
STMicroelectronics
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
   10W 10W Stereo Class-D Amplifier
TDA7490LSA STMICROELECTRONICS-TDA7490LSA Datasheet
188Kb / 13P
   15W 15W Stereo Class-D Amplifier
logo
Infineon Technologies A...
MA5332MS INFINEON-MA5332MS Datasheet
3Mb / 60P
   200W Stereo, Integrated Class D Amplifier
V 2.0 9/24/2021
logo
Microsemi Corporation
LX1721 MICROSEMI-LX1721_04 Datasheet
383Kb / 14P
   Class-D Stereo Power Amplifier Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com